document.write("
| KSF-R Manufacturer |
| Search Partnumber : Match&Start with "KSF-R" Total : 25 ( 1/2 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() C&K | KSF0A211 LFT | ![]() | SWITCH TACT LO-PRO 130GF SLVR | unknown unknown active | |
| KSF0A211 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.05A 50V | compliant yes active | ||
| KSF0A431 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.01A 50V | compliant yes active | ||
| KSF0A511 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.05A 50V | compliant yes active | ||
| KSF0M210 | ![]() | SWITCH TACT SPST 130GF FLUX SEAL | unknown unknown active | ||
| KSF0M211 | ![]() | Tactile Switch; Operating Force Max:1.6N; Circuitry:SPST-NO; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:No; Mounting Type:PCB; Peak Reflow Compatible (260 C):No; Size:2.6 x 7.4 mm RoHS Compliant: No | unknown unknown active | ||
| KSF0M211 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.05A 50V | compliant yes active | ||
| KSF0M212 | ![]() | SWITCH TACT SPST 130GF MARK II | unknown unknown active | ||
| KSF0M311 | ![]() | Tactile Switch; Operating Force Max:1.3N; Circuitry:SPST-NO; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:No; Mounting Type:PCB; Peak Reflow Compatible (260 C):No; Size:2.6 x 7.4 mm RoHS Compliant: No | unknown unknown active | ||
| KSF0M311 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.05A 50V | compliant yes active | ||
| KSF0M331 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.01A 50V | compliant yes active | ||
| KSF0M410 | ![]() | SWITCH TACT SPST 300GF FLUX SEAL | unknown unknown active | ||
| KSF0M411 | ![]() | Tactile Switch; Operating Force Max:3N; Circuitry:SPST-NO; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:No; Mounting Type:PCB; Peak Reflow Compatible (260 C):No; Size:2.6 x 7.4 mm RoHS Compliant: No | unknown unknown active | ||
| KSF0M411 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.05A 50V | compliant yes active | ||
| KSF0M431 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.01A 50V | compliant yes active | ||
| KSF0M510 | ![]() | SWITCH TACT SPST 500GF FLUX SEAL | unknown unknown active | ||
| KSF0M511 | ![]() | Tactile Switch; Operating Force Max:5N; Circuitry:SPST-NO; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:No; Mounting Type:PCB; Peak Reflow Compatible (260 C):No; Size:2.6 x 7.4 mm RoHS Compliant: No | unknown unknown active | ||
| KSF0M511 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.05A 50V | compliant yes active | ||
| KSF0M531 LFTR | ![]() | SWITCH TACTILE SPST-NO 0.01A 50V | compliant yes active | ||
| KSF0M911 LFTR | ![]() | SWITCH TACTILE SPST-NO | compliant yes active |
1 2 |