document.write("
| LD27-R Manufacturer |
| Search Partnumber : Match&Start with "LD27-R" Total : 36 ( 1/2 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | LD29080DT18R | ![]() | 800 mA fixed and adjustable output very low drop voltage regulator | compliant active | |
| LD29080DT25R | ![]() | 800 mA fixed and adjustable output very low drop voltage regulator | compliant active | ||
| LD29080DT33R | ![]() | 800 mA fixed and adjustable output very low drop voltage regulator | compliant active | ||
| LD29080DT50R | ![]() | 800 mA fixed and adjustable output very low drop voltage regulator | compliant active | ||
| LD29080PT33R | ![]() | 800 mA fixed and adjustable output very low drop voltage regulator | compliant active | ||
| LD29080PTR | ![]() | 800 mA fixed and adjustable output very low drop voltage regulator | compliant active | ||
| LD29150DT18R | ![]() | 1.5 A, very low drop voltage regulators | compliant active | ||
| LD29150DT25R | ![]() | 1.5 A, very low drop voltage regulators | compliant active | ||
| LD29150DT33R | ![]() | 1.5 A, very low drop voltage regulators | compliant active | ||
| LD29150DT50R | ![]() | 1.5 A, very low drop voltage regulators | compliant active | ||
| LD29150PT50R | ![]() | 1.5 A, very low drop voltage regulators | compliant active | ||
| LD29150PTR | ![]() | 1.5 A, very low drop voltage regulators | compliant active | ||
| LD29300P2MTR | ![]() | 3 A, very low drop voltage regulators | compliant active | ||
| LD2980ABM30TR | ![]() | Ultra low drop voltage regulators compatible with low ESR output capacitors | compliant active | ||
| LD2980ABM33TR | ![]() | Ultra low drop voltage regulators compatible with low ESR output capacitors | compliant active | ||
| LD2980ABM50TR | ![]() | Ultra low drop voltage regulators compatible with low ESR output capacitors | compliant active | ||
| LD2980CM18TR | ![]() | Ultra low drop voltage regulators compatible with low ESR output capacitors | compliant active | ||
| LD2980CM33TR | ![]() | Ultra low drop voltage regulators compatible with low ESR output capacitors | compliant active | ||
| LD2980CM50TR | ![]() | Ultra low drop voltage regulators compatible with low ESR output capacitors | compliant active | ||
| LD2981ABM30TR | ![]() | Ultra low drop voltage regulators with inhibit low ESR output | compliant active |
1 2 |