document.write("

NDT-2GD-R Manufacturer
Search Partnumber : Match&Start with "NDT-2GD-R" Total : 16 ( 1/1 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
onsemi
NDT014N-Channel Enhancement Mode Field Effect Transistor 60V, 2.7A, 0.2Ω, 4000-REEL
yes
active
NDT014LN-Channel Logic Level Enhancement Mode Field Effect Transistor 60V, 2.8A, 160mΩ, 4000-REEL
yes
active
NDT01N60T1GPower MOSFET 600V 0.4A 8.5 Ohm Single N-Channel SOT-223 T1G, SOT-223 (TO-261) 4 LEAD, 1000-REEL
yes
obsolete
NDT02N40T1GPower MOSFET 400V 0.4A 5.5 Ohm Single N-Channel SOT-223 T1G, SOT-223 (TO-261) 4 LEAD, 1000-REEL
yes
obsolete
NDT02N60ZT1GN-Channel Power MOSFET, 600 V, 8.0 OHM, 1000-REEL
yes
obsolete
NDT02N60ZT3GN-Channel Power MOSFET, 600 V, 8.0 OHM, 4000-REEL
yes
obsolete
NDT03N40ZT1GN-Channel Power MOSFET, 400 V, 3.4 OHM, 1000-REEL
yes
obsolete
NDT03N40ZT3GN-Channel Power MOSFET, 400 V, 3.4 OHM, 4000-REEL
yes
obsolete
NDT2955P-Channel Enhancement Mode Field Effect Transistor -60V, -2.5A, 300mΩ, 4000-REEL
yes
active
NDT3055N-Channel Enhancement Mode Field Effect Transistor 60V, 4A, 100mΩ, 4000-REEL
yes
active
NDT3055LN-Channel Logic Level Enahncement Mode Field Effect Transistor 60V, 4A, 100mΩ, 4000-REEL
yes
active
NDT451ANN-Channel Enhancement Mode Field Effect Transistor 30V, 7.2A, 35mΩ, 4000-REEL
yes
active
NDT452APP-Channel Enhancement Mode Field Effect Transistor -30V, -5A, 65mΩ, 4000-REEL
yes
active
NDT454PP-Channel Enhancement Mode Field Effect Transistor -30V, -5.9A, 50mΩ, 4000-REEL
yes
end_of_life
NDT456PP-Channel Enhancement Mode Field Effect Transistor, 4000-REEL
yes
active
NDTL03N150CGN-Channel Power MOSFET 1500V, 2.5A, 10.5Ω, 30-TUBE
yes
end_of_life

1

");