document.write("
| NDT-2YA-R Manufacturer |
| Search Partnumber : Match&Start with "NDT-2YA-R" Total : 16 ( 1/1 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | NDT014 | ![]() | N-Channel Enhancement Mode Field Effect Transistor 60V, 2.7A, 0.2Ω, 4000-REEL | yes active | ![]() |
| NDT014L | ![]() | N-Channel Logic Level Enhancement Mode Field Effect Transistor 60V, 2.8A, 160mΩ, 4000-REEL | yes active | ![]() | |
| NDT01N60T1G | ![]() | Power MOSFET 600V 0.4A 8.5 Ohm Single N-Channel SOT-223 T1G, SOT-223 (TO-261) 4 LEAD, 1000-REEL | yes obsolete | ![]() | |
| NDT02N40T1G | ![]() | Power MOSFET 400V 0.4A 5.5 Ohm Single N-Channel SOT-223 T1G, SOT-223 (TO-261) 4 LEAD, 1000-REEL | yes obsolete | ![]() | |
| NDT02N60ZT1G | ![]() | N-Channel Power MOSFET, 600 V, 8.0 OHM, 1000-REEL | yes obsolete | ![]() | |
| NDT02N60ZT3G | ![]() | N-Channel Power MOSFET, 600 V, 8.0 OHM, 4000-REEL | yes obsolete | ![]() | |
| NDT03N40ZT1G | ![]() | N-Channel Power MOSFET, 400 V, 3.4 OHM, 1000-REEL | yes obsolete | ![]() | |
| NDT03N40ZT3G | ![]() | N-Channel Power MOSFET, 400 V, 3.4 OHM, 4000-REEL | yes obsolete | ![]() | |
| NDT2955 | ![]() | P-Channel Enhancement Mode Field Effect Transistor -60V, -2.5A, 300mΩ, 4000-REEL | yes active | ![]() | |
| NDT3055 | ![]() | N-Channel Enhancement Mode Field Effect Transistor 60V, 4A, 100mΩ, 4000-REEL | yes active | ![]() | |
| NDT3055L | ![]() | N-Channel Logic Level Enahncement Mode Field Effect Transistor 60V, 4A, 100mΩ, 4000-REEL | yes active | ![]() | |
| NDT451AN | ![]() | N-Channel Enhancement Mode Field Effect Transistor 30V, 7.2A, 35mΩ, 4000-REEL | yes active | ![]() | |
| NDT452AP | ![]() | P-Channel Enhancement Mode Field Effect Transistor -30V, -5A, 65mΩ, 4000-REEL | yes active | ![]() | |
| NDT454P | ![]() | P-Channel Enhancement Mode Field Effect Transistor -30V, -5.9A, 50mΩ, 4000-REEL | yes end_of_life | ![]() | |
| NDT456P | ![]() | P-Channel Enhancement Mode Field Effect Transistor, 4000-REEL | yes active | ![]() | |
| NDTL03N150CG | ![]() | N-Channel Power MOSFET 1500V, 2.5A, 10.5Ω, 30-TUBE | yes end_of_life | ![]() |
1 |