document.write("

P405ACEZ-R0 Manufacturer
Search Partnumber : Match&Start with "P405ACEZ-R0" Total : 47 ( 1/3 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
Freescale Semiconductor
P4040NSE1MMBP4040 Std Enc PbFr 1200/1200 Rev 2compliant
no
transferred
P4040NSE1NNB1333MHz, RISC PROCESSOR, PBGA1295, 37.50 X 37.50 MM, 3.53 MM HEIGHT, 1 MM PITCH, LEAD FREE, PLASTIC, FCBGA-1295compliant
no
transferred
P4040NSE1PNBP4040 Std Enc PbFr 1500/1300 Rev 2compliant
no
obsolete
P4040NSE7MMCQorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, SEC, 0 to 105C, R3.0compliant
yes
transferred
P4040NSE7PNAC1500MHz, RISC PROCESSOR, PBGA1295, 37.50 X 37.50 MM, 3.53 MM HEIGHT, 1 MM PITCH, LEAD FREE, PLASTIC, FCBGA-1295compliant
yes
active
P4040NSE7PNCP4040 ST Encrypt 1500/1300 R3compliant
yes
active
P4040NSN1MMBP4040 Std NonEnc PbFr 1200/1200 Rev 2compliant
no
transferred
P4040NSN1NNBP4040 Std NonEnc PbFr 1333/1333 Rev 2compliant
no
transferred
P4040NSN1PNBP4040 Std NonEnc PbFr 1500/1300 Rev 2compliant
no
transferred
P4040NSN7MMCQorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, 0 to 105C, R3.0compliant
yes
active
P4040NSN7PNACQorIQ, 32-Bit Power Arch SoC, 4 X 1.5GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, 0 to 105C, R3.0compliant
yes
transferred
P4040NSN7PNCQorIQ, 32-Bit Power Arch SoC, 4 X 1.5GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, 0 to 105C, R3.0compliant
yes
transferred
P4040NXE1MMBP4040 Ext Enc PbFr 1200/1200 Rev 2compliant
no
transferred
P4040NXE7MMCQorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, SEC, -40 to 105C, R3.0compliant
yes
active
P4040NXN1MMB1200MHz, RISC PROCESSOR, PBGA1295, 37.50 X 37.50 MM, 3.53 MM HEIGHT, 1 MM PITCH, LEAD FREE, PLASTIC, FCBGA-1295compliant
no
obsolete
P4040NXN7MMCQorIQ, 32-Bit Power Arch SoC, 4 X 1.2GHz, DDR2/3 w/ECC, 1/10GbE, PCIe, SRIO, -40 to 105C, R3.0compliant
yes
transferred
P404BSXE7HLCP4040 XT Encrypt 800/667 R3compliant
yes
active
\"logo\"
LAIRD PLC
P4063ANT YAGI UHF ECO 406-420MHZ 15\"compliant
yes
active
\"logo\"
NXP Semiconductors
P4080DS-PCBOARD DEV PLATFORM P4080 R3compliant
yes
active
P4080PCIEDEV SYSTEM P4080 PCIEcompliant
yes
active

1 2 3

");