document.write("
| PMS-5W-R Manufacturer |
| Search Partnumber : Match&Start with "PMS-5W-R" Total : 40 ( 1/2 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | PMS9P1B05M6RE | ![]() | Pushbutton Switch | unknown unknown active | |
| PMS9P1B09M2QE | ![]() | Push-On Terminal | unknown unknown active | ||
| PMS9P1B09M2RE | ![]() | Push-On Terminal | compliant unknown active | ||
![]() NXP Semiconductors | PMSS3904 T/R | ![]() | NPN switching transistor - Complement: PMSS3906 ; fT min: 180 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 1200 ns; VCEO max: 40 V | compliant no active | ![]() |
| PMSS3906 T/R | ![]() | PNP switching transistor - Complement: PMSS3904 ; fT min: 150 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 200 mW; toff: 700 ns; VCEO max: 40 V | compliant no active | ![]() | |
| PMST2222 T/R | ![]() | NPN switching transistors - fT min: 250 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 600 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 250 ns; VCEO max: 30 V | compliant no active | ![]() | |
| PMST2222A T/R | ![]() | NPN switching transistors - Complement: PMST2907A ; fT min: 300 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 600 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 250 ns; VCEO max: 40 V | compliant no active | ![]() | |
| PMST2369 T/R | ![]() | NPN switching transistor - fT min: 500 MHz; hFE max: 120 ; hFE min: 40 ; IC max: 200 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 30 ns; VCEO max: 15 V | compliant no active | ![]() | |
| PMST2369/ZLF | ![]() | PMST2369 - NPN switching transistor SC-70 3-Pin | transferred | ||
![]() Nexperia | PMST2369/ZLF | ![]() | PMST2369 - NPN switching transistor@en-us SC-70 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | PMST2369/ZLX | ![]() | PMST2369 - NPN switching transistor SC-70 3-Pin | transferred | |
![]() Nexperia | PMST2369/ZLX | ![]() | PMST2369 - NPN switching transistor@en-us SC-70 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | PMST2907A T/R | ![]() | PNP switching transistor - Complement: PMST2222A ; fT min: 200 MHz; hFE max:>50 ; hFE min: 50 ; IC max: 200 mA; Polarity: PNP ; Ptot max: 200 mW; toff: 300 ns; VCEO max: 60 V | compliant no active | ![]() |
![]() Nexperia | PMST2907A-QX | ![]() | PMST2907A-Q - 60 V, 600 mA PNP switching transistor@en-us SC-70 3-Pin | active | ![]() |
![]() NXP Semiconductors | PMST3904 T/R | ![]() | NPN switching transistor - Complement: PMST3906 ; fT min: 300 MHz; hFE max: 300 ; hFE min: 100 ; IC max: 200 mA; Polarity: NPN ; Ptot max: 200 mW; toff: 240 ns; VCEO max: 40 V | compliant no active | ![]() |
| PMST3904/DG,115 | ![]() | NPN switching transistor, SOT323 Package, Standard Marking, Reel Pack, SMD, 7" | unknown unknown transferred | ![]() | |
| PMST3904/ZLF | ![]() | PMST3904 - NPN switching transistor SC-70 3-Pin | transferred | ![]() | |
![]() Nexperia | PMST3904/ZLF | ![]() | PMST3904 - NPN switching transistor@en-us SC-70 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | PMST3904/ZLX | ![]() | PMST3904 - NPN switching transistor SC-70 3-Pin | transferred | ![]() |
![]() Nexperia | PMST3904/ZLX | ![]() | PMST3904 - NPN switching transistor@en-us SC-70 3-Pin | obsolete | ![]() |
1 2 |