document.write("
| QFT-R Manufacturer |
| Search Partnumber : Match&Start with "QFT-R" Total : 11 ( 1/1 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | QFT1-130/42-0 | ![]() | HEAT SHRINK, TRANSITION 31.0MM PK10HEAT SHRINK, TRANSITION 31.0MM PK10; Diameter, unshrunk:31mm; Diameter, fully shrunk:9mm; Ratio, shrink:3.4:1; Material:Polyolefin; Colour:Black; Temperature, shrink:60(degree C); Pack Quantity:10; | compliant yes active | ![]() |
| QFT1-130/42-0 (298088-000) | ![]() | QFT1-130/42-0 | compliant yes active | ||
| QFT1-130/42-0-B500 (335956-000) | ![]() | QFT1-130/42-0-B500 | not_compliant no active | ||
| QFT2-130/42-0 | ![]() | HEATSHRINK, TRANSITION, 43MM, PK10; Diameter, unshrunk:43mm; Diameter, fully shrunk:14mm; Ratio, shrink:3:1; Material:Polyolefin; Colour:Black; Temperature, shrink:60(degree C); Pack Quantity:10; Temp, op. max:70(degree C); Temp, op. RoHS Compliant: Yes | compliant unknown active | ![]() | |
| QFT2-130/42-0 (991496-000) | ![]() | QFT2-130/42-0 | compliant yes active | ||
| QFT2-130/42-0-B500 | ![]() | HEAT SHRINK BOOT, POLYOLEFIN, 43 ID Before Shrink, 3.1:1 Shrink Ratio, BLACK | compliant unknown active | ||
| QFT2-130/42-0-B500 (055566-000) | ![]() | QFT2-130/42-0-B500 | compliant yes active | ||
| QFT3-130/42-0 | ![]() | Cable Mounting & Accessories HS-TRANSITION (CONFIGURABLE) | compliant unknown active | ![]() | |
| QFT3-130/42-0 (013206-000) | ![]() | QFT3-130/42-0 | compliant yes active | ||
| QFT3-130/42-0-B500 | ![]() | QFT3-130/42-0-B500 | compliant unknown active | ![]() | |
| QFT3-130/42-0-B500 (559998-000) | ![]() | QFT3-130/42-0-B500 | not_compliant no active |
1 |