document.write("

R15-R Manufacturer
Search Partnumber : Match&Start with "R15-R" Total : 2 ( 1/1 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
R15-100B (81000005)Regulated DC/DC Converter; In-V: 15; Out-V: 103; In V MIN: 14; In V MAX: 17; Out V MIN: 59; Out V MAX: 130; Out-mA: 50; Isolation: 3kV; Output: single; Power Watts or Amps: 5W; Package: DIP24; Short Circuit Protec: Yes; MC INPUT-V: 15; MC OUTPUT-V: 100; Lcompliant
yes
active
R15-150B (81000008)Regulated DC/DC Converter; In-V: 15; Out-V: 159; In V MIN: 14; In V MAX: 17; Out V MIN: 92; Out V MAX: 200; Out-mA: 50; Isolation: 3kV; Output: single; Power Watts or Amps: 5W; Package: DIP24; Short Circuit Protec: Yes; MC INPUT-V: 15; MC OUTPUT-V: 150; Lcompliant
yes
active

1

");