document.write("
| RBD-R Manufacturer |
| Search Partnumber : Match&Start with "RBD-R" Total : 63 ( 1/4 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RBD-12-0.35 (80000059) | ![]() | LED Driver; In-V: 8-36; Out-V: 2-40; In V MIN: 8; In V MAX: 36; Out V MIN: 2; Out V MAX: 40; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: DIP; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 32.6 mm; Width: 16.65 mm; Height: 1 | compliant yes active | |
| RBD-12-0.35/W (80000060) | ![]() | LED Driver; In-V: 8-36; Out-V: 2-40; In V MIN: 8; In V MAX: 36; Out V MIN: 2; Out V MAX: 40; Out-mA: 0-350; Output: single; Power Watts or Amps: 0.35A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.35; Length: 32.6 mm; Width: 16.65 mm; Heig | compliant yes active | ||
| RBD-12-0.50 (80000061) | ![]() | LED Driver; In-V: 8-36; Out-V: 2-40; In V MIN: 8; In V MAX: 36; Out V MIN: 2; Out V MAX: 40; Out-mA: 0-500; Output: single; Power Watts or Amps: 0.5A; Package: DIP; Short Circuit Protec: Yes; MC OUTPUT-C: 0.5; Length: 32.6 mm; Width: 16.65 mm; Height: 11. | compliant yes active | ||
| RBD-12-0.50/W (80000068) | ![]() | LED Driver; In-V: 8-36; Out-V: 2-40; In V MIN: 8; In V MAX: 36; Out V MIN: 2; Out V MAX: 40; Out-mA: 0-500; Output: single; Power Watts or Amps: 0.5A; Package: Standard; Short Circuit Protec: Yes; MC OUTPUT-C: 0.5; Length: 32.6 mm; Width: 16.65 mm; Height | compliant yes active | ||
![]() TE Connectivity | RBD-50-L-00 | ![]() | CABLE TERMINATED, MALE, BNC CONNECTOR, SOLDER, PLUG | not_compliant unknown active | ![]() |
| RBD-50-L-00 (132195-000) | ![]() | RBD-50-L-00 | contact_manufacturer contact_manufacturer active | ||
| RBD-50-L-01 | ![]() | CABLE TERMINATED, MALE, BNC CONNECTOR, SOLDER, PLUG | not_compliant unknown active | ![]() | |
| RBD-50-L-01 (312537-000) | ![]() | RBD-50-L-01 | contact_manufacturer contact_manufacturer active | ||
| RBD-50-L-02 | ![]() | PANEL MOUNT, CABLE TERMINATED, FEMALE, BNC CONNECTOR, SOLDER, JACK | not_compliant unknown active | ![]() | |
| RBD-50-L-02 (881889-000) | ![]() | RBD-50-L-02 | contact_manufacturer contact_manufacturer active | ||
| RBD-50-L-03 | ![]() | CABLE TERMINATED, FEMALE, BNC CONNECTOR, SOLDER, JACK | not_compliant unknown active | ![]() | |
| RBD-50-L-03 (536389-000) | ![]() | RBD-50-L-03 | contact_manufacturer contact_manufacturer active | ||
| RBD-50-L-04 | ![]() | PANEL MOUNT, CABLE TERMINATED, FEMALE, BNC CONNECTOR, SOLDER, JACK | not_compliant unknown active | ![]() | |
| RBD-50-L-04 (572829-000) | ![]() | RBD-50-L-04 | contact_manufacturer contact_manufacturer active | ||
| RBD-50-L-04CS2834 | ![]() | RF BNC Connector, 1 Contact(s), Board Mount, Solder Terminal, Jack | not_compliant unknown obsolete | ||
| RBD-50-L-04CS2852 | ![]() | RF BNC Connector, 1 Contact(s), Board Mount, Solder Terminal, Jack | not_compliant unknown obsolete | ||
| RBD-50-M-00 | ![]() | CABLE TERMINATED, MALE, BNC CONNECTOR, SOLDER, PLUG | not_compliant unknown active | ![]() | |
| RBD-50-M-00 (900469-000) | ![]() | RBD-50-M-00 | contact_manufacturer contact_manufacturer active | ||
| RBD-50-M-00CS2834 | ![]() | 1 Contact(s), Male, Board Mount, Solder Terminal, Plug | not_compliant unknown active | ||
| RBD-50-M-01 | ![]() | CABLE TERMINATED, MALE, BNC CONNECTOR, SOLDER, PLUG | not_compliant unknown active | ![]() |
1 2 3 4 |