document.write("

RE-41PD-R Manufacturer
Search Partnumber : Match&Start with "RE-41PD-R" Total : 196 ( 1/10 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
RE-0505S (10000238)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1compliant
yes
active
RE-0505S/H (10001559)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: 1compliant
yes
active
RE-0505S/HP (10004866)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: compliant
yes
active
RE-0505S/P (10003066)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: compliant
yes
active
RE-0509S (10000239)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: 1compliant
yes
active
RE-0509S/H (10001560)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: 1compliant
yes
active
RE-0509S/HP (10005364)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: compliant
yes
active
RE-0509S/P (10004306)Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 111; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: compliant
yes
active
RE-051.8SECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RE-051.8S/HECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RE-051.8S/HPECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RE-051.8S/PECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%compliant
yes
active
RE-0512S (10000240)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Length:compliant
yes
active
RE-0512S/H (10001561)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Length:compliant
yes
active
RE-0512S/HP (10004867)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lengthcompliant
yes
active
RE-0512S/P (10003131)Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 83; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Lengthcompliant
yes
active
RE-0515S (10000241)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Length:compliant
yes
active
RE-0515S/H (10001562)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Length:compliant
yes
active
RE-0515S/HP (10004305)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 15; Lengthcompliant
yes
active
RE-0515S/P (10003047)Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 66; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 15; Lengthcompliant
yes
active

1 2 3 4 5 6 7 8 9 10

");