document.write("
| RM-R Manufacturer |
| Search Partnumber : Match&Start with "RM-R" Total : 202 ( 1/11 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RM-0505S (10000534) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 250; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length | compliant yes active | |
| RM-0505S/E (10016281) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 50; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| RM-0505S/EH (10016466) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 50; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| RM-0505S/H (10001724) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 50; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Length: | compliant yes active | ||
| RM-0505S/HP (10003676) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 50; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RM-0505S/P (10003818) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 50; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Length | compliant yes active | ||
| RM-0509S (10000535) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 28; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: | compliant yes active | ||
| RM-0509S/H (10001725) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 28; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 9; Length: | compliant yes active | ||
| RM-0509S/HP (10004180) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 28; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Length | compliant yes active | ||
| RM-0509S/P (10004062) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 09; In V MIN: 5; In V MAX: 5; Out V MIN: 9; Out V MAX: 9; Out-mA: 28; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Length | compliant yes active | ||
| RM-051.8S | ![]() | ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% | compliant yes active | ||
| RM-051.8S/H | ![]() | ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% | compliant yes active | ||
| RM-051.8S/HP | ![]() | ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% | compliant yes active | ||
| RM-051.8S/P | ![]() | ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% | compliant yes active | ||
| RM-0512S (10000536) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 21; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Leng | compliant yes active | ||
| RM-0512S/H (10001726) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 21; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 12; Leng | compliant yes active | ||
| RM-0512S/HP (10011725) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 21; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RM-0512S/P (10011724) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 12; In V MIN: 5; In V MAX: 5; Out V MIN: 12; Out V MAX: 12; Out-mA: 21; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Len | compliant yes active | ||
| RM-0515S (10000537) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 17; Isolation: 1kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Leng | compliant yes active | ||
| RM-0515S/H (10001727) | ![]() | Unregulated DC/DC Converter; In-V: 05; Out-V: 15; In V MIN: 5; In V MAX: 5; Out V MIN: 15; Out V MAX: 15; Out-mA: 17; Isolation: 2kV; Output: single; Power Watts or Amps: 0.25W; Package: SIP4; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 15; Leng | compliant yes active |
1 2 3 4 5 6 7 8 9 10 ..... |