document.write("
| RS-0CD-R Manufacturer |
| Search Partnumber : Match&Start with "RS-0CD-R" Total : 33 ( 1/2 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() C&K | RS-014R05B1-SMA10 RT | ![]() | SWITCH TACTILE SPST-NO 0.05A 12V | compliant yes active | |
| RS-022R05C1-PA | ![]() | SWITCH TACTILE SPST-NO 0.05A 12V | compliant yes active | ||
| RS-032G05A3-SM RT | ![]() | SWITCH TACTILE SPST-NO 0.05A 12V | compliant yes active | ||
![]() RECOM Power Inc | RS-0505D (10002817) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Leng | compliant yes active | |
| RS-0505D/H2 (10003859) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Leng | compliant yes active | ||
| RS-0505D/H3 (10004426) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Leng | compliant yes active | ||
| RS-0505S (10000714) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| RS-0505S/H2 (10013193) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| RS-0505S/H3 (10013192) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 400; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengt | compliant yes active | ||
| RS-0509D (10003614) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Leng | compliant yes active | ||
| RS-0509D/H2 (10003744) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Leng | compliant yes active | ||
| RS-0509D/H3 (10013191) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Leng | compliant yes active | ||
| RS-0509S (10000715) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RS-0509S/H2 (10013213) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RS-0509S/H3 (10005117) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 222; Isolation: 3kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; Lengt | compliant yes active | ||
| RS-0512D (10002859) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 1kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RS-0512D/H2 (10013209) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 2kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RS-0512D/H3 (10004141) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 3kV; Output: dual; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RS-0512S (10000716) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 1kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active | ||
| RS-0512S/H2 (10013214) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: 166; Isolation: 2kV; Output: single; Power Watts or Amps: 2W; Package: SIP8; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 12; Le | compliant yes active |
1 2 |