document.write("

RU-R Manufacturer
Search Partnumber : Match&Start with "RU-R" Total : 146 ( 1/8 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
RECOM Power Inc
RU-050505 (10000822)Unregulated DC/DC Converter; In-V: 05; Out-V: 05/05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 100/100; Isolation: 1kV; Output: dual; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RU-050505/H (10002705)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 100/100; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: No; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengtcompliant
yes
active
RU-050505/HP (10003672)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 100/100; Isolation: 2kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RU-050505/P (10004020)Unregulated DC/DC Converter; In-V: 05; Out-V: 05; In V MIN: 5; In V MAX: 5; Out V MIN: 5; Out V MAX: 5; Out-mA: 100/100; Isolation: 1kV; Output: single; Power Watts or Amps: 1W; Package: SIP7; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; Lengcompliant
yes
active
RU-050509ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-050509/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-050512ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-050512/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-050515ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-050515/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-05053.3ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-05053.3/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-050909ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-050909/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-051.81.8ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-051.81.8/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-051212ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-051212/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-051515ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active
RU-051515/PECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Custom Solutions Availablecompliant
yes
active

1 2 3 4 5 6 7 8

");