document.write("
| S20-R Manufacturer |
| Search Partnumber : Match&Start with "S20-R" Total : 63 ( 1/4 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | S200-1-00 | ![]() | Wire Terminal | compliant unknown active | |
| S200-1-01 | ![]() | HEAT SHRINK SOLDER SLEEVE, 1.91 ID Before Shrink | compliant unknown obsolete | ||
| S200-1-01-100HN | ![]() | HEAT SHRINK SOLDER SLEEVE, 1.91 ID Before Shrink | compliant unknown active | ||
| S200-1-55-18-9CS2904 | ![]() | HEAT SHRINK SOLDER SLEEVE, 1.91 ID Before Shrink | compliant unknown active | ||
| S200-1-55-20-9CS2904 | ![]() | HEAT SHRINK SOLDER SLEEVE, 1.91 ID Before Shrink | compliant unknown active | ||
| S200-1-55-22-9CS2904 | ![]() | HEAT SHRINK SOLDER SLEEVE, 1.91 ID Before Shrink | compliant unknown active | ||
| S200-1-9020 | ![]() | HEAT SHRINK SOLDER SLEEVE, 1.91 ID Before Shrink | unknown unknown active | ||
| S200-1-9030 | ![]() | HEAT SHRINK SOLDER SLEEVE, 1.91 ID Before Shrink | unknown unknown active | ||
| S200-1-W1-22-9 | ![]() | Connector Accessory | compliant unknown active | ||
| S200-1-W2-18-9 | ![]() | WIRE TERMINAL | compliant unknown active | ||
| S200-1-W2-20-9 | ![]() | WIRE TERMINAL | compliant unknown active | ||
| S200-1-W2-22-9 | ![]() | WIRE TERMINAL | compliant unknown active | ||
| S200-2-00 | ![]() | S200-2-00 Product Type:Shield Terminator;Operating Temperature (Max):200 °C;Expanded Inside Diameter (Min):2.67 mm;Expanded Inside Diameter (Min):.105 in;Recovered Inside Diameter (Max):.03 in Solder Sleeve Shield Terminator Max Temp: 200 °C | Part# S200- | compliant unknown active | ![]() | |
| S200-2-01 | ![]() | HEAT SHRINK SOLDER SLEEVE, 2.67 ID Before Shrink | compliant unknown active | ||
| S200-2-01-100HN | ![]() | S200-2-01-100HN Product Type:Shield Terminator;Operating Temperature (Max):200 °C;Expanded Inside Diameter (Min):2.67 mm;Expanded Inside Diameter (Min):.105 in;Recovered Inside Diameter (Max):.055 in Solder Sleeve Shield Terminator Max Temp: 200 °C | Part | compliant unknown active | ![]() | |
| S200-2-55-18-9CS2904 | ![]() | HEAT SHRINK SOLDER SLEEVE, 2.67 ID Before Shrink | compliant unknown active | ||
| S200-2-55-20-9CS2904 | ![]() | HEAT SHRINK SOLDER SLEEVE, 2.67 ID Before Shrink | compliant unknown active | ||
| S200-2-55-22-9CS2904 | ![]() | HEAT SHRINK SOLDER SLEEVE, 2.67 ID Before Shrink | compliant unknown active | ||
| S200-2-9020 | ![]() | HEAT SHRINK SOLDER SLEEVE, 2.67 ID Before Shrink | unknown unknown active | ||
| S200-2-9030 | ![]() | HEAT SHRINK SOLDER SLEEVE, 2.67 ID Before Shrink | unknown unknown active |
1 2 3 4 |