-1143-R
AI

The term **1143-R** typically refers to specific electronic components or hardware, most commonly associated with **RF (Radio Frequency) connectors** or specialized **power inductors**.
Below is a breakdown of the two most common components sharing this designation.
---
## 1. RF Coaxial Connector: 1143-R
In the context of radio frequency electronics, "1143-R" often refers to a specific series of **SMC (SubMiniature C)** or **BNC** style connectors, frequently produced by manufacturers like *Amphenol* or *Pomona*.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Usually BNC or SMC Coaxial |
| **Impedance** | 50 Ohms (Standard) |
| **Body Material** | Brass with Nickel or Gold Plating |
| **Contact Material** | Beryllium Copper / Gold Plated |
| **Frequency Range** | DC to 4 GHz or 10 GHz (depending on grade) |
### Key Applications
* **Test Equipment:** Used in oscilloscopes and signal generators.
* **Telecommunications:** Signal routing in base stations.
* **Aerospace:** High-reliability cabling for avionics.
---
## 2. Power Inductor Series: 1143 (Model R)
Certain manufacturers (like *Bourns* or *Coilcraft*) use the 1143 designation for high-current, surface-mount power inductors. The "R" often signifies **RoHS Compliance** or a specific **Resistance/Inductance** value.
### Common Parameters
| Parameter | Typical Value Range |
| :--- | :--- |
| **Inductance** | 0.22µH to 47µH |
| **Current Rating** | 5A to 30A |
| **Operating Temp** | -40°C to +125°C |
| **Mounting Type** | SMD (Surface Mount Device) |
### Functional Use
* **DC-DC Converters:** Voltage regulation for CPUs and GPUs.
* **Power Supplies:** Filtering noise in switching power circuits.
---
## How to Identify Your Part
To be certain which "1143-R" you are dealing with, check the following:
1. **Manufacturer Logo:** Look for a brand mark (e.g., "M" for Molex, "A" for Amphenol).
2. **Package Type:** Is it a metal screw-on connector (RF) or a small square black block (Inductor)?
3. **Circuit Label:** Is it labeled as **L** (Inductor), **J** (Jack/Connector), or **P** (Plug) on the PCB?
---
- ⤷Are you looking for the datasheet for a specific manufacturer of the 1143-R?
- ⤷ Is this part being used in a high-frequency RF circuit or a power supply?
- ⤷ Do you need help identifying the pinout or footprint for this component?