-163A-R/
AI

The term **163A-R** typically refers to a specific variation of a **high-precision, wirewound potentiometer** or a **thermal circuit breaker**, depending on the manufacturer (most commonly associated with brands like **Spectrol/Vishay** for potentiometers or specific industrial switch manufacturers).
Below is a breakdown of the technical aspects of this electronic component, assuming the most common use case: the **Spectrol Model 163 Series Potentiometer**.
---
### 1. Technical Specifications
The "R" suffix usually denotes a specific shaft configuration or compliance with RoHS standards (Lead-free).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Precision Potentiometer |
| **Element Type** | Wirewound |
| **Mounting Type** | Panel Mount (Bush Mount) |
| **Turns** | Single-Turn (Non-continuous or Continuous) |
| **Power Rating** | 1.0 Watt to 2.0 Watts at 40°C |
| **Standard Resistance Range** | 50 $\Omega$ to 50k $\Omega$ |
| **Linearity Tolerance** | $\pm 0.5\%$ |
---
### 2. Physical Construction
The **163A-R** is designed for durability and precision. Its internal architecture consists of:
* **Resistance Element:** A fine resistance wire wound around a ceramic or plastic mandrel.
* **Wiper:** A precious metal contact that moves across the wire turns to change the resistance value.
* **Housing:** Usually a ruggedized plastic or metal casing to shield against electrical noise and physical impact.
* **Terminals:** Usually gold or tin-plated for easy soldering or connector attachment.
---
### 3. Key Characteristics
1. **High Stability:** Because it is wirewound, it has a very low temperature coefficient, meaning the resistance stays stable even as the part heats up.
2. **Precision:** It is used for "setting and forgetting" calibration values or for fine-tuning analog signals.
3. **Durability:** The "R" series is often rated for high rotational life (often up to 1,000,000 shaft revolutions).
---
### 4. Common Applications
The 163A-R is found in industrial and legacy electronic environments:
* **Medical Equipment:** Used for fine-tuning sensors or diagnostic readouts.
* **Avionics:** Cockpit instrumentation where vibrations are high and reliability is critical.
* **Industrial Control:** Used as a feedback sensor for valve positions or motor speed controllers.
* **Test & Measurement:** Integrated into oscilloscopes or signal generators as a manual adjustment knob.
---
### 5. Part Number Breakdown (Example)
While specific manufacturers vary, the code usually breaks down as follows:
* **163:** The Series number (Dimensions and basic electrical profile).
* **A:** The modification code (usually indicating the type of bushing or shaft).
* **R:** Often signifies **RoHS Compliance** (Restricted Hazardous Substances) or a **Rear-mounting** configuration.
---
- ⤷What is the specific resistance value (Ohms) for your 163A-R unit?
- ⤷ Do you need the pinout diagram for this specific potentiometer?
- ⤷ Are you looking for a modern equivalent or replacement part for an obsolete 163A-R?