AI

The code **21A-R** typically refers to a specific marking found on surface-mount devices (SMD), most commonly associated with **Zener Diodes** or **Voltage Regulators** in small packages like SOD-123 or SOT-23.
Below is the detailed breakdown of this component category.
---
## 1. Component Identification
In the electronics industry, "21A" is often the **marking code** rather than the full part number. Manufacturers use these short codes because the components are too small to fit the entire part number.
| Feature | Description |
| :--- | :--- |
| **Common Full Part Number** | BZX84C21, MMSZ5251B, or BZT52C21 |
| **Primary Function** | Zener Diode |
| **Package Type** | SOD-123, SOD-323, or SOT-23 (Surface Mount) |
| **Zener Voltage ($V_z$)** | **21 Volts** (indicated by the '21') |
| **Tolerance** | Usually ±5% (indicated by 'A' or 'B' suffixes in some coding systems) |
---
## 2. Technical Specifications
While specifications vary slightly by manufacturer (e.g., ON Semi, Diodes Inc., Nexperia), a standard **21V Zener Diode** follows these parameters:
### Electrical Characteristics
* **Nominal Zener Voltage:** 21V
* **Power Dissipation ($P_d$):** 250mW to 500mW (depending on package).
* **Forward Voltage ($V_f$):** ~0.9V at 10mA.
* **Reverse Leakage Current ($I_r$):** ~0.05µA at 15V.
* **Operating Temperature:** -65°C to +150°C.
---
## 3. The Meaning of "-R"
The suffix **-R** in electronics part numbering usually refers to the packaging or specific compliance standards:
1. **Tape & Reel:** Indicates the parts are supplied on a reel for automated pick-and-place machines.
2. **RoHS Compliant:** Indicates the part is lead-free and meets environmental safety standards.
3. **Reverse Polarity:** In rare cases, it can indicate a reversed pinout, though this is less common for simple diodes.
---
## 4. Common Applications
Zener diodes like the 21A-R are used in circuits where a stable reference voltage or overvoltage protection is required.
* **Voltage Regulation:** Providing a steady 21V supply to low-current sub-circuits.
* **Surge Protection:** Clamping voltage spikes to prevent damage to sensitive ICs.
* **Gate Protection:** Protecting the Gate-Source junction of MOSFETs from transient voltages.
---
### Example Schematic Symbol
```text
Cathode (K)
|
---
/ \ (Zener shape)
-----
|
Anode (A)
```
- ⤷
How do I test if a 21A-R Zener diode is functioning correctly using a multimeter?
- ⤷ What are the common alternatives or equivalents for a 21V Zener diode?
- ⤷ Can this component be used in a 24V power supply circuit?