Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • -615-R

  • AI
    The term **615-R** typically refers to a specific series of high-performance **Chip Inductors** or **Resistors**, most commonly associated with magnetic components used in power management and RF circuits. Below is a detailed breakdown of the electronic characteristics and applications of parts bearing this designation (specifically within the context of common manufacturers like Vishay, Bourns, or Murata). --- ### 1. General Specifications While "615-R" can appear in various catalogs, it is most frequently identified as a **Surface Mount Device (SMD)** power inductor. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor / Wirewound Resistor | | **Inductance Range** | 1.0 µH to 1000 µH (Model dependent) | | **Tolerance** | ±10% or ±20% | | **Operating Temp** | -40°C to +125°C | | **Core Material** | Ferrite or Powdered Iron | | **RoHS Status** | Compliant (indicated by the "R" suffix) | ### 2. Physical Construction The "615" usually denotes the **physical dimensions** of the package (footprint). * **Case Size:** Often refers to a metric or imperial measurement (e.g., 6.0mm x 6.0mm x 5.0mm). * **Shielding:** Most 615-R series parts are **shielded**, meaning they have a magnetic cover to reduce Electromagnetic Interference (EMI) with neighboring components. * **Terminations:** Usually matte tin over nickel barrier to ensure high solderability. ### 3. Key Technical Parameters When selecting a 615-R part for a circuit, engineers focus on these three electrical limits: 1. **DCR (DC Resistance):** The internal resistance of the copper wire. A lower DCR in a 615-R inductor means less power is lost as heat. 2. **Isat (Saturation Current):** The current level at which the inductance drops by a specific percentage (usually 30%). 3. **Irms (RMS Current):** The maximum continuous current the part can handle before the temperature rises by 40°C. --- ### 4. Common Applications These parts are designed for robustness and efficiency in DC-to-DC conversion. * **Voltage Regulator Modules (VRM):** Used in laptops and servers to step down voltage. * **LED Drivers:** Providing steady current to high-brightness LEDs. * **Automotive Electronics:** Used in infotainment and ADAS systems due to high-temperature stability. * **Filtering:** Acting as a low-pass filter to remove noise from power lines. --- ### 5. Part Number Breakdown Example If the part is a standard SMD inductor, the code is often decoded as follows: | Segment | Meaning | | :--- | :--- | | **615** | Series/Size Code (e.g., 6mm class) | | **-** | Separator | | **101** (Example) | Value (100 µH) | | **R** | RoHS Compliant / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 615-R part you are looking for?
    • ⤷ How do I calculate the power dissipation of a 615-R inductor?
    • ⤷ What are the alternatives if a 615-R component is out of stock?