-6A-10-R
AI

The **6A10-R** is a high-current, general-purpose silicon rectifier diode. It is widely used in power supplies and AC-to-DC conversion circuits due to its ability to handle significant current loads.
---
### ## Technical Specifications
The following table summarizes the key electrical characteristics of the 6A10-R diode:
| Parameter | Value |
| :--- | :--- |
| **Part Number** | 6A10-R |
| **Diode Type** | Rectifier |
| **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1000 Volts |
| **Max Average Forward Current ($I_{F(AV)}$)** | 6.0 Amperes |
| **Peak Forward Surge Current ($I_{FSM}$)** | 400 Amperes (8.3ms half sine-wave) |
| **Max Forward Voltage Drop ($V_F$)** | 1.1 Volts @ 6.0A |
| **Operating Temperature Range** | -65 to +175 °C |
| **Package Type** | R-6 (Axial Lead) |
---
### ## Key Features
* **High Current Capability:** Capable of handling up to 6 Amps, making it suitable for heavy-duty power applications.
* **High Surge Capacity:** It can withstand a momentary surge of up to 400A, protecting the circuit during initial power-up.
* **Low Forward Voltage Drop:** Minimizes power loss and heat generation during operation.
* **High Reliability:** Built with a diffused junction and low reverse leakage current.
### ## Physical Construction (R-6 Package)
The "R-6" package is a large axial-leaded cylindrical body. Because this diode handles 6A, the physical size is larger than standard 1A diodes (like the 1N4007) to help dissipate heat.
* **Cathode Identification:** Indicated by a color band (usually silver or white) on one end of the black plastic body.
* **Mounting:** Through-hole mounting. It is often recommended to leave some lead length or use heatsinking if operating at maximum current.
### ## Common Applications
1. **Power Supplies:** Used in bridge rectifiers to convert AC wall power to DC.
2. **Battery Chargers:** Handling the high charging currents required for automotive or industrial batteries.
3. **Freewheeling Diodes:** Protecting circuits from voltage spikes caused by inductive loads (motors, solenoids).
4. **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backwards.
---
- ⤷
What is the difference between the 6A10 and the 1N5408 diode?
- ⤷ How do I calculate the heat dissipation for a 6A10-R in a circuit?
- ⤷ Can the 6A10-R be used in high-frequency switching power supplies?