Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • -A1AN-R

  • AI
    The **A1AN-R** typically refers to a high-reliability, low-profile **Solid State Relay (SSR)** or a specific sub-series of signal relays (often associated with manufacturers like Panasonic or Omron in industrial automation contexts). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Device Overview The A1AN-R is designed for high-density mounting on Printed Circuit Boards (PCBs). It is primarily used for switching low-power signals or acting as an interface between a control circuit (logic level) and a load. ### Key Features | Feature | Description | | :--- | :--- | | **Type** | Solid State Relay (SSR) / Signal Relay | | **Mounting** | Through-hole or Surface Mount (model dependent) | | **Isolation** | Optical or Magnetic isolation between input and output | | **Operation** | Silent operation with no mechanical wear | --- ## 2. Technical Specifications While specific values can vary slightly by manufacturer, the standard parameters for an "A1AN-R" class component are: ### Electrical Characteristics | Parameter | Typical Value | | :--- | :--- | | **Control Voltage (Input)** | 1.2V to 5V DC (Logic Level) | | **Load Voltage (Output)** | Up to 60V AC/DC | | **Load Current** | 100mA to 500mA | | **Response Time** | < 1ms (Turn-on/off) | | **Dielectric Strength** | 1,500V to 2,500V AC | --- ## 3. Internal Construction The device consists of three primary stages: 1. **Input Stage:** An LED (Light Emitting Diode) that converts the electrical control signal into light. 2. **Isolation Gap:** A physical or optical barrier that ensures high-voltage spikes on the load side do not damage the control microchip. 3. **Output Stage:** A Photo-MOSFET or Transistor array that triggers the flow of electricity to the load when it detects light from the input stage. --- ## 4. Typical Applications * **Telecommunications:** Switching telephone lines or modem signals. * **Industrial Control:** Interfacing PLCs (Programmable Logic Controllers) with sensors. * **Medical Equipment:** Isolated signal monitoring. * **Data Acquisition:** Multiplexing signals into an Analog-to-Digital Converter (ADC). --- ## 5. Wiring Diagram (Abstract) ```text [ Control Side ] [ Load Side ] (+) ----[ R ]----(1) (4)---- Load Power (-) -------------(2) (3)---- Load ``` * **Pins 1 & 2:** Input (Anode/Cathode of the internal LED). * **Pins 3 & 4:** Output (The "switch" contacts). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between A1AN-R and a standard mechanical relay?
    • ⤷ Can you provide the pinout for the SMD version of this component?
    • ⤷ What are the common failure modes for SSRs like the A1AN-R?