-DS-P1-R1
AI

The **DS-P1-R1** typically refers to a high-performance **Radar Sensor Module** (often utilizing Millimeter Wave or 24GHz technology) used for motion detection, distance measurement, and industrial automation.
Below is a breakdown of its primary electronic components and technical specifications.
---
## 1. Core Electronic Components
The module is composed of several critical stages that allow it to transmit signals and process return data.
| Component Category | Description |
| :--- | :--- |
| **MMIC (Monolithic Microwave IC)** | The heart of the device; contains the Voltage Controlled Oscillator (VCO) and the Power Amplifier for the radar signal. |
| **Antenna Array** | Microstrip patch antennas etched onto the PCB (typically 1 Transmit, 1 Receive) to focus the radio beam. |
| **LNA (Low Noise Amplifier)** | Amplifies the weak reflected signals received from the environment without adding significant noise. |
| **Mixer** | Combines the transmitted and received signals to extract the "Beat Frequency" (IF signal) used to calculate distance. |
| **MCU / DSP** | An onboard Microcontroller or Digital Signal Processor that runs algorithms to filter noise and detect motion. |
---
## 2. Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Frequency** | 24.00 GHz to 24.25 GHz (ISM Band) |
| **Operating Voltage** | 3.3V - 5V DC |
| **Detection Range** | 0.2m to 20m (Adjustable via software) |
| **Interface** | UART (TTL), GPIO, or I2C |
| **Beam Width** | 80° Horizontal / 32° Vertical (Approximate) |
---
## 3. Pin Configuration & Connectivity
Most DS-P1-R1 modules utilize a standard 4-pin or 5-pin header for integration with microcontrollers like Arduino, ESP32, or Raspberry Pi.
```text
Pin 1: VCC (Power Input 3.3V/5V)
Pin 2: GND (Ground)
Pin 3: TX (UART Transmit - Data out to MCU)
Pin 4: RX (UART Receive - Configuration in)
Pin 5: OUT (Digital Output - High/Low for motion)
```
---
## 4. Operational Logic
1. **Transmission:** The MMIC generates a high-frequency radio wave.
2. **Reflection:** The wave hits an object and bounces back.
3. **Processing:** The sensor calculates the phase shift or time-of-flight.
4. **Output:** The sensor sends a serial command via UART or toggles a GPIO pin to alert the host system of a "Target Detected" state.
- ⤷
How do I interface the DS-P1-R1 with an Arduino?
- ⤷ What is the difference between this radar sensor and a PIR sensor?
- ⤷ Can the sensitivity of the DS-P1-R1 be adjusted via software?