AI

Electronic laboratories (LABs) are equipped with a diverse range of components used for prototyping, testing, and repairing electronic circuits. These parts are generally categorized by their function.
---
### 1. Passive Components
These components do not require an external power source to function and cannot amplify signals.
| Part Name | Symbol | Primary Function |
| :--- | :---: | :--- |
| **Resistors** | R | Limit the flow of electrical current and divide voltages. |
| **Capacitors** | C | Store electrical energy in an electric field; used for filtering and timing. |
| **Inductors** | L | Store energy in a magnetic field; used in power supplies and RF circuits. |
| **Potentiometers**| VR | Variable resistors used for adjusting parameters (e.g., volume). |
### 2. Active Components
These components rely on a source of power and can control the flow of electricity or amplify signals.
* **Diodes:** Allow current to flow in one direction only. Common types include LEDs (Light Emitting Diodes) and Zener diodes.
* **Transistors (BJT/MOSFET):** Act as switches or amplifiers. They are the building blocks of modern electronics.
* **Integrated Circuits (ICs):** Complex circuits shrunk into a small chip (e.g., 555 Timers, Operational Amplifiers, Logic Gates).
### 3. Prototyping and Connection Tools
In a lab setting, these tools allow you to build circuits without permanent soldering.
* **Breadboard:** A plastic board with internal wiring used for temporary circuit assembly.
* **Jumper Wires:** M-M (Male-to-Male), M-F, and F-F wires used to connect points on a breadboard.
* **Zero-Insertion Force (ZIF) Sockets:** Used for safely mounting ICs during testing.
### 4. Microcontrollers and Modules
Modern labs use pre-assembled boards to handle complex processing tasks.
```cpp
// Example: Basic code to blink an LED on an Arduino (Microcontroller)
void setup() {
pinMode(13, OUTPUT); // Set pin 13 as an output
}
void loop() {
digitalWrite(13, HIGH); // Turn LED on
delay(1000); // Wait for 1 second
digitalWrite(13, LOW); // Turn LED off
delay(1000); // Wait for 1 second
}
```
---
### 5. Essential Lab Equipment
While not "parts" of a circuit, these are vital for interacting with electronic components:
1. **Digital Multimeter (DMM):** Measures voltage, current, and resistance.
2. **Oscilloscope:** Visualizes electrical signals over time (waveforms).
3. **Variable DC Power Supply:** Provides adjustable voltage and current to your circuit.
4. **Soldering Iron:** Used for making permanent electrical connections.
- ⤷
What are the essential safety precautions when working in an electronics lab?
- ⤷ How do I read the color codes on a resistor to determine its value?
- ⤷ What is the difference between a microcontroller like Arduino and a microprocessor like the one in a PC?