-NK5M5N-R
AI

The **NK5M5N-R** is an N-Channel enhancement mode Power MOSFET, typically manufactured by companies like **NIKO-SEM**. It is designed for high-efficiency power management and switching applications, commonly found in computer motherboards and power supplies.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the NK5M5N-R:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 30 | Volts |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | Volts |
| **Continuous Drain Current** | $I_D$ | 40 - 50* | Amperes |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~5.5 - 7.5 | mΩ |
| **Total Gate Charge** | $Q_g$ | 15 - 20 | nC |
| **Package Type** | - | TO-252 (D-PAK) | - |
*\*Current rating depends on specific thermal dissipation and PCB mounting.*
---
### 2. Physical Characteristics & Pinout
The device usually comes in a **TO-252 (D-PAK)** surface-mount package, which is designed for high-density mounting with good thermal conductivity.
* **Pin 1 (Gate):** Controls the switching of the MOSFET.
* **Pin 2 (Drain):** Connected to the load (The large metal tab is also the Drain).
* **Pin 3 (Source):** Connected to the ground or negative side of the circuit.
---
### 3. Core Features
* **Low On-Resistance ($R_{DS(on)}$):** Minimizes power loss during conduction, which reduces heat generation.
* **Fast Switching Speed:** Allows the component to be used in high-frequency DC-DC converters.
* **Logic Level Compatibility:** Can be triggered by low voltage signals (typically 4.5V to 10V), making it compatible with various microcontrollers and PWM ICs.
* **RoHS Compliant:** Manufactured without hazardous substances like lead.
---
### 4. Common Applications
Due to its high current handling and low resistance, the NK5M5N-R is frequently used in:
1. **Motherboard VRMs:** Voltage Regulator Modules for CPU/RAM power.
2. **DC-DC Converters:** Buck or Boost converters for portable electronics.
3. **Battery Management:** Protection circuits and charging modules.
4. **LED Drivers:** High-current switching for lighting systems.
---
- ⤷What are the equivalent alternative parts for the NK5M5N-R?
- ⤷ How do I test if an NK5M5N-R MOSFET is faulty using a multimeter?
- ⤷ What is the maximum operating temperature for this component?