Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • -NM7NN-R

  • AI
    The **NM7NN-R** is a specific electronic component, primarily recognized as a **high-current Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). These parts are critical in power management and switching circuits due to their efficiency and speed. --- ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like ON Semiconductor or specialized power brands), the "NM" series generally follows high-voltage N-channel architecture. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Drain-to-Source Voltage ($V_{DSS}$)** | 650V - 700V | | **Continuous Drain Current ($I_D$)** | ~7A to 12A (Depending on thermal management) | | **Package Type** | TO-220, TO-220F, or DPAK (Surface Mount) | | **On-Resistance ($R_{DS(on)}$)** | Low (Optimized for reduced heat dissipation) | --- ### 2. Key Internal Components To understand the "electronic parts" of this component, we must look at its internal structure: 1. **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow. 2. **Drain (D):** The terminal where current enters (in N-channel). 3. **Source (S):** The terminal where current exits. 4. **Body Diode:** An inherent internal diode that protects the MOSFET from reverse current spikes (inductive kickback). 5. **Die:** The silicon wafer inside the casing that contains the microscopic channels. --- ### 3. Common Applications The NM7NN-R is designed for high-stress environments where switching speed and power efficiency are paramount: * **Switch Mode Power Supplies (SMPS):** Converting AC wall power to DC for electronics. * **LED Drivers:** Managing current for high-intensity lighting. * **DC-DC Converters:** Stepping voltages up or down in industrial equipment. * **Adapters:** Used in laptop chargers and power bricks. --- ### 4. Identification and Safety When working with these parts: * **Suffixes:** The "-R" often denotes **RoHS Compliance** (Lead-free) or specific packaging types like "Reel." * **Replacement:** If replacing this part, ensure the $V_{DSS}$ (Voltage) and $I_D$ (Current) ratings of the new part are equal to or higher than the original.
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for the NM7NN-R?
    • ⤷ How do I test if an NM7NN-R MOSFET is faulty using a multimeter?
    • ⤷ What is the importance of the RDS(on) value in this specific MOSFET?