-S5C-R
AI

The **S5C-R** series (often associated with brands like **SMC** or specialized connector manufacturers) typically refers to high-performance electronic interface components, most commonly **Magnetic Sensors** or **Circular Connectors** used in industrial automation.
Below is a breakdown of the electronic specifications and characteristics typically found in this series.
---
### 1. General Specifications
If referring to the common **SMC S5C-R Reed Switch/Sensor**, these are the typical technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Switching Logic** | Normally Open (SPST) |
| **Sensor Type** | Reed Switch (Magnetic) |
| **Load Voltage** | 24V DC / 100V AC |
| **Maximum Load Current** | 5 to 40 mA |
| **Internal Voltage Drop** | 2.4V or less |
| **Indicator Light** | Red LED (illuminates when "ON") |
### 2. Key Electronic Components
The S5C-R assembly consists of several critical internal parts:
* **Reed Switch Capsule:** Two ferromagnetic blades inside a glass envelope that close when a magnetic field (from a piston or magnet) is applied.
* **Protection Circuit:** Often includes a **Resistor** to limit current and a **Diode/Zener Diode** to protect against reverse polarity or voltage spikes.
* **LED Indicator:** A low-power Light Emitting Diode used for visual diagnostic feedback to show the state of the circuit.
* **Housing:** Usually made of flame-retardant oil-resistant resin or PBT plastic.
### 3. Connection and Wiring
Most S5C-R models use a 2-wire configuration.
```c
// Typical 2-Wire Wiring Logic
[Power +] ----> (Load/PLC Input) ----> [Brown Wire]
|
(S5C-R Sensor)
|
[Power -] <---------------------------- [Blue Wire]
```
### 4. Technical Features
1. **Response Time:** Extremely fast switching (usually under 1.2ms).
2. **Environmental Resistance:** High vibration and shock resistance (often rated up to 300m/s²).
3. **Waterproofing:** Most variants are rated **IP67**, meaning they are dust-tight and protected against immersion.
---
### Comparison with Similar Models
| Feature | S5C-R (Standard) | S5C-S (Compact) |
| :--- | :--- | :--- |
| **Sensitivity** | Medium-High | High |
| **Lead Wire** | 2-wire (Grommet) | 2-wire (Direct Mount) |
| **Operating Temp** | -10 to 60°C | -10 to 60°C |
---
- ⤷
What are the specific wiring differences between a 2-wire and 3-wire S5C sensor?
- ⤷ How do I troubleshoot an S5C-R sensor that won't trigger the PLC?
- ⤷ Are there NPN or PNP variations for this specific electronic part?