Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 01-ES-P1-R1

  • AI
    The part number **01-ES-P1-R1** typically refers to a specific hardware component often found in high-performance computing, server power supplies, or industrial control modules (frequently associated with **EVGA** or **SuperMicro** ecosystem components). --- ## 1. Component Overview This specific designation usually identifies a **Power Supply (PSU) Interface or Distribution Board**. It acts as the bridge between the primary power source and the internal components of a system. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Distribution Board (PDB) / Power Module | | **Common Application** | Server Chassis, High-Wattage Workstations | | **Revision** | R1 (First major revision) | | **Connectivity** | High-amperage bus bars or modular cable headers | | **Function** | Voltage regulation and power load balancing | --- ## 2. Key Electronic Functions The **01-ES-P1-R1** serves several critical roles within an electronic assembly: * **Power Filtering:** Contains capacitors and inductors to smooth out AC/DC ripples, ensuring stable voltage to sensitive components like CPUs and GPUs. * **Safety Interfacing:** Often houses the logic for OCP (Over-Current Protection) and OVP (Over-Voltage Protection). * **Modular Routing:** In server environments, it allows a single high-power rail to be split into multiple 12V, 5V, and 3.3V lines for different hardware peripherals. --- ## 3. Physical Attributes The board is designed for high thermal endurance and electrical efficiency. ### Visual and Structural Elements 1. **FR-4 Substrate:** A high-grade, flame-retardant fiberglass epoxy material used for the PCB. 2. **Thick Copper Traces:** Necessary to handle the high current (Amperage) required for modern computing tasks. 3. **Gold-Plated Contacts:** Ensures minimal resistance and prevents oxidation at the connection points where the module plugs into the backplane. --- ## 4. Troubleshooting & Replacement If this part fails, the system typically will not power on, or it will shut down abruptly under load. * **Visual Inspection:** Look for "bulging" capacitors or scorched marks around the MOSFETs. * **Continuity Test:** Use a multimeter to check for shorts between the input pins and the ground plane.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage outputs supported by this distribution board?
    • ⤷ Is this part compatible with standard ATX consumer power supplies?
    • ⤷ What are the common failure symptoms for the 01-ES-P1-R1 module?