02-08-1201..
AI

The part number **02-08-1201** refers to a specific electronic component manufactured by **Molex**. It is a high-quality electrical terminal used extensively in power and signal applications.
---
## Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Molex |
| **Series** | 1190 (Standard .093") |
| **Product Type** | Crimp Terminal |
| **Gender** | Male (Pin) |
| **Material** | Brass |
| **Plating** | Tin (Sn) |
| **Wire Gauge (AWG)** | 14, 16, 18, 20 AWG |
| **Current Rating** | Up to 14.0A (varies by housing) |
| **Voltage Rating** | 600V |
---
## Key Features
### 1. The .093" Standard
This part is a member of the **Standard .093" Pin and Socket** family. The "093" refers to the diameter of the pin (0.093 inches or 2.36mm). This is one of the most common standards in the industry for medium-power connections.
### 2. Crimp Termination
The 02-08-1201 is designed to be **crimped** onto a wire. Unlike soldering, crimping provides a mechanical bond that is highly resistant to vibration and thermal cycling.
### 3. Material and Plating
* **Base Metal:** Brass provides good conductivity and mechanical strength.
* **Plating:** The Tin plating prevents oxidation and ensures a reliable electrical contact over time, while keeping the cost lower than gold-plated alternatives.
---
## Common Applications
Because of its versatility and high current rating, this terminal is found in:
* **Computer Power Supplies:** Used in older disk drive connectors (Molex connectors).
* **Home Appliances:** Refrigerators, microwaves, and washing machines.
* **Automotive:** Interior lighting and dashboard electronics.
* **Industrial Equipment:** Power distribution for sensors and control panels.
---
## Recommended Tooling
To install this part correctly, a specific crimp tool is required. Using standard pliers will likely result in a loose connection or high electrical resistance.
```bash
# Common compatible tools:
Molex Hand Crimp Tool: 63819-1200
Extraction Tool: 11-03-0006
```
- ⤷
What is the female equivalent (socket) part number for this male pin?
- ⤷ Can this terminal be used with 22 AWG wire safely?
- ⤷ What is the maximum temperature rating for the 1190 series terminals?