AI

The part number **02-09-2118** refers to a specific electrical terminal manufactured by **Molex**. It is part of the widely used **Standard .093" Pin and Socket** connector system.
---
### ## Technical Specifications
Below are the primary physical and electrical characteristics of the 02-09-2118 terminal:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Molex |
| **Product Type** | Terminal (Male Pin) |
| **Contact Diameter** | 2.36mm (0.093") |
| **Material** | Brass |
| **Plating** | Tin (Sn) |
| **Wire Gauge Range** | 18 - 22 AWG |
| **Termination Interface** | Crimp or Compression |
| **Maximum Voltage** | 600V |
| **Maximum Current** | 14.0A (depending on housing) |
---
### ## Component Overview
This component is a **Male Crimp Terminal**. In the world of electronic connectors, these are designed to be crimped onto the end of a wire and then inserted into a plastic housing (plug or receptacle).
#### ### 1. Materials and Plating
* **Base Material:** Made of brass, providing a good balance between conductivity and cost-effectiveness.
* **Tin Plating:** The tin coating prevents oxidation and ensures a reliable electrical connection over time.
#### ### 2. The .093" Standard
The "093" refers to the diameter of the pin (0.093 inches or 2.36mm). This is an industry-standard size, often used in:
* Power supplies for desktop computers.
* Household appliances (microwaves, dryers).
* Automotive aftermarket electronics.
* Industrial equipment power rails.
#### ### 3. Mating Parts
To complete a connection, this part typically requires:
* **Female Terminal:** 02-09-1117 or 02-09-1119 (the "Socket" counterpart).
* **Housing:** A Molex 1991 or 1261 series connector housing.
---
### ## Installation Code Example
While this is a hardware component, automated manufacturing systems use specific parameters to handle these parts. For example, a crimping force monitor might log data like this:
```json
{
"part_number": "02-09-2118",
"operation": "crimp",
"wire_spec": "20_AWG_STRANDED",
"crimp_height_nominal": "1.15mm",
"pull_test_min": "89N"
}
```
---
- ⤷
What is the recommended crimping tool for the 02-09-2118 terminal?
- ⤷ Can this terminal be used with 16 AWG wire
- ⤷ or is there a different version?
- ⤷ What is the difference between the 02-09-2118 and the 02-09-1118?