02011J8R2ABSTR500
AI

The part number **02011J8R2ABSTR\500** refers to a high-precision, thin-film Surface Mount Device (SMD) capacitor, typically manufactured by **Kyocera AVX**. These components are specifically designed for high-frequency applications, such as RF (Radio Frequency) circuits, due to their tight tolerances and stable performance.
### 1. Part Number Breakdown
The alphanumeric string defines the specific electrical and physical characteristics of the component:
| Code Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **0201** | Case Size | 0.02" x 0.01" (0.6mm x 0.3mm) - Extremely small. |
| **1** | Voltage | Rated for **100 Volts**. |
| **J** | Technology | **Accu-P®** (Thin Film technology). |
| **8R2** | Capacitance Value | **8.2 pF** (The 'R' acts as a decimal point). |
| **A** | Tolerance | **± 0.05 pF** (Ultra-tight tolerance). |
| **B** | Termination | Sn (Tin) over Ni (Nickel) plating. |
| **S** | Temperature Coeff. | 0 ± 30 ppm/°C (Highly stable). |
| **TR\500** | Packaging | Tape & Reel, quantity 500 units. |
---
### 2. Technical Specifications
This part belongs to the **Accu-P® series**, which is known for its high Q-factor and low ESR (Equivalent Series Resistance).
* **Capacitance:** 8.2 pF
* **Tolerance:** ± 0.05 pF (Standard for precision RF tuning)
* **Rated Voltage:** 100V DC
* **Operating Temperature:** -55°C to +125°C
* **Mounting Type:** Surface Mount (SMT)
* **Technology:** Thin Film (Provides better consistency than standard multilayer ceramic capacitors/MLCCs).
---
### 3. Key Applications
Because of its small size (0201) and high frequency stability, this part is used in:
* **Mobile Communications:** Smartphones, 5G base stations.
* **Satellite TV Receivers:** LNB (Low Noise Block) downconverters.
* **RF Power Amplifiers:** Impedance matching and coupling.
* **VCOs:** Voltage Controlled Oscillators.
* **GPS/Navigation:** High-accuracy signal processing.
---
### 4. Handling Precautions
The **0201 case size** is roughly the size of a grain of salt.
* **Soldering:** Requires precision automated pick-and-place machines and reflow soldering. Manual soldering is extremely difficult and not recommended.
* **Moisture Sensitivity:** Typically rated MSL 1 (no special storage needed), but should be kept in original packaging to prevent oxidation of the terminals.
- ⤷
What is the difference between Thin Film (Accu-P) and standard MLCC capacitors?
- ⤷ Can a 50V rated capacitor be used as a substitute for this 100V part?
- ⤷ What are the specific dimensions of a 0201 package in millimeters?