02013K8R2ABSTR500
AI

The part number **02013K8R2ABSTR\500** refers to a high-precision Surface Mount Device (SMD) capacitor, specifically a **Thin-Film Silicon Capacitor** manufactured by **AVX (now KYOCERA AVX)**. This component is part of the Accu-P® series, designed for high-frequency RF and microwave applications.
---
### 1. Component Specifications
Below is the technical breakdown of the part based on its alphanumeric code:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Case Size** | 0201 | Ultra-miniature (0.60mm x 0.30mm) |
| **Capacitance** | 8.2 pF | 8.2 Picofarads |
| **Voltage Rating** | 25V | Rated for up to 25 Volts DC |
| **Tolerance** | ±0.05 pF | Extremely tight tolerance (Grade A) |
| **Dielectric** | Thin-Film | Silicon-based high-stability dielectric |
| **Termination** | Sn (Tin) | Lead-free, RoHS compliant plating |
| **Packaging** | T&R (500) | Tape and Reel, 500 pieces per reel |
---
### 2. Key Technical Features
This part is not a standard multilayer ceramic capacitor (MLCC); it utilizes **Thin-Film Technology**, which provides distinct advantages for RF engineers:
* **Ultra-Low ESR:** Extremely low Equivalent Series Resistance, minimizing signal loss.
* **High Q Factor:** High quality factor ensures sharp resonance and stability in filtering.
* **Tight Tolerances:** The "A" designation (±0.05 pF) is critical for matching circuits where even slight deviations can detune an antenna.
* **High Stability:** The capacitance remains highly stable across temperature changes and high frequencies (up to several GHz).
---
### 3. Common Applications
Due to its small size and high precision, this component is typically found in:
1. **Mobile Communications:** Smartphones, 5G base stations, and WiFi modules.
2. **RF Matching Networks:** Impedance matching for antennas.
3. **Satellite Systems:** Low-noise amplifiers and signal processing.
4. **Medical Electronics:** High-frequency imaging and diagnostic equipment.
---
### 4. Part Number Decoder (Breakdown)
```text
0201 3 K 8R2 A B S TR \500
| | | | | | | | |
| | | | | | | | +-- Quantity (500 pcs)
| | | | | | | +------- Tape & Reel
| | | | | | +---------- Sn (Tin) Finish
| | | | | +------------ Accu-P Series
| | | | +-------------- Tolerance (±0.05 pF)
| | | +----------------- Capacitance (8.2 pF)
| | +-------------------- Temp. Coefficient (0 ±30ppm/°C)
| +---------------------- Voltage (25V)
+-------------------------- Size (0201)
```
- ⤷What is the difference between a Thin-Film capacitor and a standard MLCC?
- ⤷ How does the 'Q factor' affect RF circuit performance?
- ⤷ Can this capacitor be used in power supply decoupling?