0201YK8R2ABSTR500
AI

The part number **0201YK8R2ABSTR\500** refers to a high-precision surface-mount capacitor, typically manufactured by **AVX (Kyocera AVX)**. This specific component belongs to the **Accu-P®** series, which is designed for high-frequency (RF) and microwave applications where stability and low loss are critical.
---
### 1. Part Number Breakdown
To understand the specifications, we can decode the alphanumeric string:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0201** | Case Size | 0.6mm x 0.3mm (EIA 0201) |
| **Y** | Rated Voltage | 16 Volts |
| **K** | Temperature Coefficient | Thin Film (Low TCC) |
| **8R2** | Capacitance Value | 8.2 pF (R denotes decimal) |
| **A** | Capacitance Tolerance | ±0.05 pF (Ultra-Tight) |
| **B** | Termination | Nickel/Tin Plated (RoHS) |
| **STR** | Packaging | Tape & Reel |
| **500** | Reel Quantity | 500 pieces |
---
### 2. Key Technical Specifications
These parts are "Thin Film" capacitors rather than standard Multilayer Ceramic Capacitors (MLCC). This allows for much tighter tolerances and better performance at high frequencies.
* **Capacitance:** 8.2 pF (Picofarads).
* **Tolerance:** ±0.05 pF. This is an extremely high level of precision required for tuning RF circuits.
* **Working Voltage:** 16V DC.
* **Operating Temperature:** -55°C to +125°C.
* **Quality Factor (Q):** High Q, meaning very low energy loss at Gigahertz frequencies.
* **SRF (Self-Resonant Frequency):** Typically in the multi-GHz range.
---
### 3. Applications and Usage
Due to its 0201 miniature size and high precision, this component is commonly found in:
1. **Mobile Communications:** Smartphones, 5G base stations, and WiFi modules.
2. **RF Matching Networks:** Impedance matching for antennas to ensure maximum power transfer.
3. **Satellite Receivers:** Low-noise amplifiers (LNAs) and filters.
4. **VCOs:** Voltage Controlled Oscillators where frequency stability is paramount.
---
### 4. Comparison: Thin Film vs. Standard MLCC
| Feature | Thin Film (Accu-P) | Standard MLCC (C0G/NP0) |
| :--- | :--- | :--- |
| **Tolerance** | Extremely Tight (±0.01 to ±0.05 pF) | Standard (±0.25 pF or 5%) |
| **Consistency** | High batch-to-batch stability | Variable |
| **SRF** | Higher (Better for GHz) | Lower |
| **Cost** | Higher | Lower |
- ⤷What is the difference between 0201 and 0402 package sizes in RF design?
- ⤷ How does the 'Thin Film' technology improve capacitor performance?
- ⤷ Can I substitute a standard 8.2pF MLCC for this Accu-P part?