02310HH02TXCF
AI

The part number **02310HH0** typically refers to a specific **Huawei storage/server component**, specifically an **SSD (Solid State Drive)** unit. In the context of "2TXCF," this usually indicates a 2TB capacity using the NVMe protocol within a specialized carrier.
Below is a detailed breakdown of the electronic specifications and characteristics associated with this part.
---
### 1. General Specifications
This part is a high-performance enterprise-grade storage module designed for Huawei OceanStor and FusionServer systems.
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | NVMe SSD (Non-Volatile Memory Express) |
| **Capacity** | 2TB |
| **Interface** | PCIe 3.0 x4 (Standard for this series) |
| **Form Factor** | 2.5-inch SFF (Small Form Factor) with Huawei hot-swap tray |
| **Protocol** | NVMe 1.3 / 1.4 compliant |
---
### 2. Core Electronic Components
The internal PCB (Printed Circuit Board) of an enterprise NVMe SSD like the 02310HH0 consists of several critical electronic systems:
#### A. SSD Controller
The "brain" of the device. It manages the NAND flash, ECC (Error Correction Code), and the PCIe interface. In Huawei enterprise drives, these often use proprietary **HiSilicon** (Kunpeng/Ascend related) or high-end third-party controllers.
#### B. NAND Flash Memory
* **Type:** 3D TLC (Triple-Level Cell) NAND.
* **Function:** This is where data is physically stored at the transistor level.
* **Density:** Multiple NAND dies are stacked to reach the 2TB capacity.
#### C. DRAM Cache
* **Type:** LPDDR4 or DDR4.
* **Purpose:** Stores the L2P (Logical-to-Physical) mapping tables and buffers incoming data to ensure low latency and high IOPS.
#### D. Power Loss Protection (PLP)
* **Components:** A bank of **Tantalum capacitors** or supercapacitors.
* **Function:** Provides emergency power for several milliseconds if the server loses power, allowing the controller to flush the cache data to the NAND flash to prevent data corruption.
---
### 3. Key Performance Features
The electronic design is optimized for data center workloads:
1. **Wear Leveling:** Algorithms that ensure the NAND cells are written to evenly to extend the lifespan.
2. **Over-Provisioning:** A portion of the 2TB is reserved electronically to handle bad block management and background garbage collection.
3. **End-to-End Data Protection:** Uses CRC (Cyclic Redundancy Check) and parity at every stage of the data path (from the PCIe bus to the flash cells).
---
### 4. Compatibility
This part is primarily utilized in the following Huawei hardware environments:
* **OceanStor Dorado** V3/V6 All-Flash Storage systems.
* **FusionServer Pro** (2288H V5/V6, etc.).
* **TaiShan** ARM-based servers.
- ⤷
What is the TBW (Terabytes Written) endurance rating for this specific 2TB SSD?
- ⤷ Does this model support self-encrypting drive (SED) capabilities?
- ⤷ Is this part compatible with non-Huawei server backplanes?