031-10-RFX
AI

The part number **031-10-RFX** refers to a high-quality **BNC Straight Jack (Female)** connector manufactured by **Amphenol RF**. It is designed for coaxial cable terminations, primarily used in radio frequency (RF) applications.
---
### 1. Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the 031-10-RFX:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Jack (Female) |
| **Body Style** | Straight |
| **Impedance** | 50 Ohm |
| **Frequency (Max)** | 11 GHz |
| **Termination Type** | Solder Cup |
| **Mounting Type** | Panel Mount (Bulkhead) |
| **Dielectric Material** | PTFE (Teflon) |
| **Contact Plating** | Gold |
| **Body Plating** | Nickel |
---
### 2. Key Components and Materials
* **Body:** Usually constructed from Brass with **Nickel plating** for durability and corrosion resistance.
* **Contact Pin:** Made of Phosphor Bronze or Beryllium Copper with **Gold plating** to ensure excellent conductivity and minimize signal loss.
* **Insulator:** Uses **PTFE (Teflon)**, which provides high thermal stability and a low dielectric constant for high-frequency performance.
* **Fastening:** This is a bulkhead-style connector, meaning it includes a hex nut and lock washer to secure it through a hole in a chassis or panel.
---
### 3. Common Applications
Due to its 50-ohm impedance and BNC quick-connect/disconnect mechanism, this part is commonly found in:
1. **Test and Measurement:** Oscilloscopes, signal generators, and spectrum analyzers.
2. **Medical Equipment:** Monitoring devices that require shielded signal transmission.
3. **Telecommunications:** Base station equipment and RF routing.
4. **Military/Aerospace:** Communication systems requiring rugged, reliable connections.
---
### 4. Mounting Information
The "RFX" suffix typically denotes Amphenol's commercial-grade line, providing a cost-effective solution without sacrificing significant electrical performance.
To install the 031-10-RFX, a **D-shaped** or round hole is usually required in the enclosure panel to prevent the connector from rotating when the nut is tightened.
- ⤷What is the difference between 50 Ohm and 75 Ohm BNC connectors?
- ⤷ How do I properly solder the center conductor to the 031-10-RFX?
- ⤷ Are there waterproof versions of this BNC bulkhead connector?