AI

The **031-208-RFX** is a high-performance RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a standard BNC straight plug designed for coaxial cable termination.
---
## 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the 031-208-RFX:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC (Bayonet Neill–Concelman) |
| **Body Style** | Straight Plug (Male) |
| **Impedance** | 50 Ohms |
| **Frequency (Max)** | 4 GHz (Optimized for DC - 4 GHz) |
| **Termination Type** | Crimp / Solder |
| **Cable Type** | RG-58, RG-141, RG-142, LMR-195 |
| **Body Material** | Brass |
| **Body Plating** | Nickel |
| **Contact Plating** | Gold |
---
## 2. Key Components and Design
The "RFX" suffix in Amphenol's part numbering typically indicates a **commercial-grade** version of the connector. While it maintains high performance, it is optimized for cost-effectiveness in industrial and commercial applications.
### Material Breakdown:
* **Outer Shell:** Made of Nickel-plated brass for durability and corrosion resistance.
* **Center Contact:** Gold-plated to ensure low contact resistance and prevent oxidation over time.
* **Insulator:** Usually made of **Delrin** or **PTFE (Teflon)**, providing excellent dielectric properties to maintain 50-ohm impedance.
* **Bayonet Coupling:** Features the classic "twist-and-lock" mechanism, allowing for quick connect/disconnect without tools.
---
## 3. Common Applications
Due to its 50-ohm impedance and 4 GHz frequency range, the 031-208-RFX is widely used in:
1. **Test & Measurement:** Oscilloscopes, signal generators, and spectrum analyzers.
2. **Antennas:** Connecting low-power RF antennas to receivers.
3. **Broadcast:** Professional video and radio equipment.
4. **Telecommunications:** Base station equipment and networking hardware.
---
## 4. Assembly Overview
To install this part, a technician typically follows these steps:
1. **Stripping:** The coaxial cable (e.g., RG-58) is stripped to specific dimensions.
2. **Soldering:** The center conductor of the cable is soldered to the gold-plated center pin.
3. **Crimping:** The outer braid is folded over the connector body, and a metal ferrule is crimped over it using a specialized hex crimp tool.
- ⤷
What is the difference between the 50-ohm and 75-ohm versions of BNC connectors?
- ⤷ Which specific crimp tool size is required for the 031-208-RFX?
- ⤷ Can this connector be used with RG-59 cable?