031-220G-RFX
AI

The **031-220G-RFX** is a high-frequency RF (Radio Frequency) connector manufactured by **Amphenol RF**. It belongs to the **BNC** (Bayonet Neill–Concelman) family, specifically designed for high-performance signal transmission in telecommunications and video applications.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Jack (Female) |
| **Impedance** | 75 Ohms |
| **Mounting Type** | PCB Mount, Through Hole (Straight) |
| **Frequency (Max)** | 4 GHz |
| **Body Material** | Brass |
| **Body Finish** | Nickel |
| **Contact Material** | Phosphor Bronze |
| **Contact Plating** | Gold |
| **Dielectric Material** | PTFE (Teflon) |
---
### 2. Key Electronic Features
* **75 Ohm Impedance:** Unlike standard 50 Ohm BNC connectors used in data/radio, the 75 Ohm version is optimized for **Video and Broadcast** signals. It minimizes signal reflection (return loss) in high-definition video circuits.
* **Gold-Plated Contacts:** The center contact is plated in gold to ensure low contact resistance and protection against oxidation over time, maintaining signal integrity.
* **Through-Hole Design:** It features solder legs designed to be mounted directly through a Printed Circuit Board (PCB). This provides high mechanical stability compared to surface mount (SMD) alternatives.
* **Bayonet Coupling:** Uses a "twist and lock" mechanism which provides a secure, vibration-proof connection that can be quickly connected or disconnected.
---
### 3. Common Applications
Due to its high frequency range and 75 Ohm rating, this part is typically found in:
1. **Broadcast Television:** Professional SDI (Serial Digital Interface) equipment.
2. **Video Surveillance:** High-resolution CCTV systems and DVRs.
3. **Test Equipment:** Oscilloscopes and signal generators requiring a 75 Ohm path.
4. **Telecommunications:** Digital signal cross-connect (DSX) systems.
---
### 4. PCB Footprint Example
While you should always consult the official datasheet for exact dimensions, the typical layout for this through-hole jack involves:
```text
(Top View Layout)
[ Signal ]
(O) <-- Center Pin Hole
(O) (O) <-- Ground/Mechanical Post Holes
[Body]
(O) (O)
```
- ⤷What is the difference between a 50 Ohm and 75 Ohm BNC connector?
- ⤷ What are the recommended soldering temperatures for this part?
- ⤷ Are there right-angle versions of the 031-220G-RFX?