031-320-RFX
AI

The part number **031-320-RFX** refers to a high-quality **BNC Straight Jack (Female)** connector manufactured by **Amphenol RF**. It is designed specifically for coaxial cable termination and is widely used in radio frequency (RF) applications.
---
### 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Jack (Female) |
| **Body Style** | Straight |
| **Impedance** | 50 Ohms |
| **Frequency (Max)** | 4 GHz |
| **Termination Type** | Crimp |
| **Cable Type** | RG-58, RG-141, LMR-195 |
| **Contact Plating** | Gold |
| **Body Plating** | Nickel |
| **Mounting Type** | Cable Mount |
---
### 2. Key Components & Materials
* **Body:** Constructed from Brass with Nickel plating for durability and corrosion resistance.
* **Contact (Pin):** Made of Phosphor Bronze with Gold plating to ensure high conductivity and prevent oxidation over time.
* **Insulator:** Typically made of **Delrin** or **PTFE**, which provides excellent dielectric properties for RF signals.
* **Ferrule:** A copper alloy sleeve used to crimp the cable braid to the connector body, ensuring a secure mechanical and electrical connection.
---
### 3. Applications
The 031-320-RFX is a "Commercial Grade" connector, making it suitable for a variety of industries:
1. **Telecommunications:** Used in base stations and radio transmission equipment.
2. **Test and Measurement:** Standard interface for oscilloscopes, signal generators, and spectrum analyzers.
3. **Video Surveillance:** Connection of CCTV cameras using RG-58 cabling.
4. **Data Transmission:** General-purpose RF signal routing in laboratory environments.
---
### 4. Assembly Requirements
To properly install this part, specific tools are required:
* **Crimp Tool:** A hex crimp tool (typically .190" or .213" hex size) is needed for the ferrule.
* **Soldering/Crimping:** While the outer ferrule is always crimped, the center contact can often be either soldered or crimped depending on the specific assembly instructions provided by Amphenol.
- ⤷
What are the specific crimp die sizes required for the 031-320-RFX?
- ⤷ How does 50 Ohm impedance differ from 75 Ohm BNC connectors in physical design?
- ⤷ Can this connector be used with RG-59 cable?