031-4803-RFX
AI

The part number **031-4803-RFX** refers to a high-quality **BNC Straight Jack (Female)** connector manufactured by **Amphenol RF**. It is specifically designed for use with flexible coaxial cables, most notably **RG-174, RG-188, and RG-316**.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Amphenol RF |
| **Connector Type** | BNC (Bayonet Neill–Concelman) |
| **Gender** | Jack (Female) |
| **Body Style** | Straight |
| **Termination Method** | Crimp / Solder |
| **Impedance** | 50 Ohms |
### 2. Electrical Characteristics
These parts are engineered for high-frequency performance in telecommunications and test equipment.
* **Frequency Range:** DC to 4 GHz (standard for BNC).
* **Voltage Rating:** Approximately 500 Volts RMS at sea level.
* **Insulation Resistance:** 5,000 Megohms minimum.
* **Dielectric Withstanding Voltage:** 1,500 Volts RMS.
### 3. Material and Construction
The "RFX" suffix in Amphenol parts often denotes a commercial-grade product that maintains high performance while optimizing materials for cost-effectiveness.
| Component | Material | Plating |
| :--- | :--- | :--- |
| **Body** | Brass | Nickel |
| **Contact (Center)** | Phosphor Bronze | Gold |
| **Insulator** | PTFE (Teflon) | N/A |
| **Gasket** | Silicone Rubber | N/A |
### 4. Application and Use Cases
The **031-4803-RFX** is used primarily where quick connect/disconnect capabilities are needed in a 50-ohm system.
* **Cable Compatibility:** Designed specifically for small-diameter cables like **RG-316** and **RG-174**.
* **RF Equipment:** Used in oscilloscopes, signal generators, and spectrum analyzers.
* **Wireless Infrastructure:** Often found in Wi-Fi antennas and GPS modules where low-loss miniature cabling is required.
---
### Assembly Note
To install this part, you typically require a specialized **hex crimp tool** for the outer ferrule and a **soldering iron** for the center contact (though some variants allow for crimping the center pin as well).
- ⤷
What are the specific crimp tool dimensions required for the 031-4803-RFX?
- ⤷ How does the RFX series differ from the standard Amphenol industrial line?
- ⤷ Can this connector be used with 75-ohm coaxial cables?