AI

The part number **031-5558-RFX** refers to a high-quality BNC (Bayonet Neill–Concelman) connector manufactured by **Amphenol RF**. This specific part is widely used in telecommunications, broadcasting, and test equipment.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Jack (Female) |
| **Mounting Type** | Panel Mount, Bulkhead |
| **Termination Type** | Solder Cup |
| **Impedance** | 50 Ohms |
| **Frequency Range** | DC to 11 GHz |
| **Voltage Rating** | 500 Volts RMS |
| **Body Material** | Brass |
| **Body Finish** | Nickel |
| **Contact Material** | Phosphor Bronze |
| **Contact Plating** | Gold |
---
### 2. Key Features and Design
* **Bulkhead Mounting:** It is designed to be mounted through a hole in a panel or chassis. It includes a hexagonal nut and a washer to secure it firmly against the surface.
* **Solder Cup:** The rear of the connector features a "solder cup" terminal, making it easy to hand-solder a wire directly to the center conductor.
* **RF Performance:** Part of the "RFX" line, which is Amphenol's commercial grade series. It provides reliable performance at a lower cost point compared to military-spec versions, without sacrificing significant signal integrity.
* **Durability:** The nickel-plated brass body provides excellent corrosion resistance, while the gold-plated contact ensures low contact resistance and prevents oxidation over time.
---
### 3. Common Applications
Due to its 50-ohm impedance and panel-mount design, this part is typically found in:
1. **Test Equipment:** Oscilloscopes, signal generators, and spectrum analyzers.
2. **Antenna Systems:** Providing a transition point from an internal circuit to an external antenna cable.
3. **Broadcasting:** Used in video and audio signal routing where a secure, quick-connect bayonet lock is required.
4. **Medical Equipment:** Monitoring devices that require shielded RF paths.
---
### 4. Installation Notes
* **D-Hole Cutout:** To prevent the connector from spinning when tightening the nut, it is often installed in a "D-shaped" or "Double-D" hole.
* **Isolation:** If the application requires the connector body to be isolated from the chassis ground, non-conductive washers must be used.
- ⤷
What is the difference between 50 Ohm and 75 Ohm BNC connectors?
- ⤷ How do I calculate the panel cutout size for a 031-5558-RFX?
- ⤷ Does this connector support 4K or 12G-SDI video signals?