03CC0W
AI

The **03CC0W** (often referred to in full as the **BA03CC0W**) is a high-performance low dropout (LDO) linear voltage regulator manufactured by ROHM Semiconductor. It is primarily used to provide a stable, fixed output voltage in electronic circuits.
---
## 1. Key Specifications
The BA03CC0W is designed for high reliability and efficiency in power management.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3 V (Fixed) |
| **Maximum Output Current** | 1.0 A |
| **Input Voltage Range** | 4.0 V to 25.0 V |
| **Dropout Voltage** | 0.5 V (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | TO220CP-V5 / TO252-5 |
---
## 2. Functional Features
The "W" suffix in the part number indicates specific functional enhancements:
### A. Shutdown Switch (ON/OFF Pin)
The device includes a control pin that allows the regulator to be turned off electronically. When the shutdown pin is pulled low, the output is disabled, reducing the standby current to nearly zero (approx. 0µA).
### B. Protection Circuits
To ensure the longevity of the device and the connected components, it integrates:
* **Overcurrent Protection (OCP):** Limits the current if the load exceeds 1A to prevent burnout.
* **Thermal Shutdown (TSD):** Automatically shuts down the IC if the internal junction temperature exceeds safe limits.
* **Overvoltage Protection:** Protects the internal circuitry against input voltage spikes.
---
## 3. Typical Application Circuit
To ensure stability, the BA03CC0W requires external capacitors. Below is a representation of a standard setup:
```mermaid
graph LR
Vin[Input Voltage 4V-25V] -->|Cin 0.33uF| IC[BA03CC0W]
CTL[Control/ON-OFF Pin] --> IC
IC -->|Cout 22uF| Vout[3.3V Output]
IC --- GND[Ground]
```
### Components needed:
1. **Input Capacitor ($C_{in}$):** Usually 0.33µF to prevent oscillation caused by long input lines.
2. **Output Capacitor ($C_{out}$):** Typically 22µF (Electrolytic or Tantalum) to ensure loop stability and transient response.
---
## 4. Common Use Cases
* **Automotive Systems:** Powering sensors and microcontrollers from the car battery.
* **Industrial Equipment:** Converting 12V or 24V rails down to 3.3V for logic circuits.
* **Consumer Electronics:** Used in TVs, home appliances, and audio equipment where low noise is required.
- ⤷
What is the difference between the BA03CC0W and the BA03CC0FP?
- ⤷ Can this regulator handle an input voltage higher than 25V?
- ⤷ What type of heat sinking is required for a 1A load?