04023K4R7ABSTR500
AI

The part number **04023K4R7ABSTR\500** refers to a high-frequency Thin-Film Capacitor manufactured by **Kyocera AVX**. These components are specifically designed for RF (Radio Frequency) and microwave applications where precision and stability are critical.
---
### 1. Part Number Breakdown
Understanding each character in the part number provides the technical specifications of the component:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **0402** | Case Size | Dimensions: 0.04 x 0.02 inches (1.0 x 0.5 mm). |
| **3** | Voltage | Rated at **25 Volts DC**. |
| **K** | Dielectric | Specific Thin-Film formulation for RF stability. |
| **4R7** | Capacitance | **4.7 pF** (R acts as the decimal point). |
| **A** | Tolerance | Tight tolerance of **±0.05 pF**. |
| **B** | Termination | Sn100 (Lead-Free/RoHS compliant solder plating). |
| **STR** | Packaging | Taped and Reeled (Standard orientation). |
| **\500** | Quantity | 500 pieces per reel. |
---
### 2. Key Technical Specifications
These capacitors are built using thin-film technology (similar to semiconductor manufacturing) rather than the standard multilayer ceramic (MLCC) process.
* **Capacitance:** 4.7 pF
* **Tolerance:** ±0.05 pF (Extremely high precision)
* **Rated Voltage:** 25V
* **Operating Temperature:** -55°C to +125°C
* **Quality Factor (Q):** Very high, typically used for low-loss performance in the GHz range.
* **Self-Resonant Frequency (SRF):** High SRF, making it suitable for modern wireless communication devices.
---
### 3. Typical Applications
Due to its high precision and low ESR (Equivalent Series Resistance), this part is commonly found in:
1. **Wireless Communications:** Mobile phones, Wi-Fi modules, and Bluetooth circuits.
2. **RF Matching Networks:** Impedance matching for antennas to ensure maximum power transfer.
3. **Filter Circuits:** Low-pass, high-pass, and band-pass filters in high-frequency stages.
4. **Satellite Receivers:** Low-noise blocks (LNBs) and signal processing.
---
### 4. Comparison: Thin-Film vs. MLCC
| Feature | Thin-Film (04023K...) | Standard MLCC (C0G/NP0) |
| :--- | :--- | :--- |
| **Tolerance** | Very Tight (down to ±0.01pF) | Standard (±5% or 0.25pF) |
| **Repeatability** | High (unit-to-unit consistency) | Moderate |
| **Frequency Response** | Linear and predictable | Can vary at high frequencies |
| **Cost** | Higher | Lower |
- ⤷
What is the difference between ±0.05 pF and ±5% tolerance in RF design?
- ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?
- ⤷ How does the thin-film manufacturing process improve signal integrity?