04023K680ABSTR500
AI

The part number **04023K680ABSTR\500** corresponds to a high-performance **Thin Film Surface Mount Capacitor** manufactured by **AVX (Kyocera AVX)**. This component is specifically designed for high-frequency applications like RF (Radio Frequency) circuits.
---
### 1. Part Number Breakdown
Understanding each segment of the part number reveals its technical characteristics:
| Code | Parameter | Description |
| :--- | :--- | :--- |
| **0402** | Case Size | 0.04 x 0.02 inches (1.0 x 0.5 mm). |
| **3** | Voltage | Rated for **25 Volts**. |
| **K** | Dielectric | Accu-P® Series (High-performance thin film). |
| **680** | Capacitance | **68 pF** (The first two digits are significant; the third is the multiplier). |
| **A** | Tolerance | **±0.05 pF** (Extremely tight tolerance). |
| **B** | Termination | Nickel/Solder overcoat (Standard Sn/Pb or Lead-Free depending on series). |
| **STR** | Packaging | Taping and Reel. |
| **500** | Quantity | Reel containing **500 pieces**. |
---
### 2. Technical Specifications
This capacitor belongs to the **Accu-P®** line, which uses thin-film technology rather than traditional multilayer ceramic (MLCC) methods. This provides superior precision.
* **Capacitance:** 68 pF
* **Tolerance:** ±0.05 pF (Ultra-precise)
* **Voltage Rating:** 25V DC
* **Operating Temperature:** -55°C to +125°C
* **Quality Factor (Q):** High Q (Low loss at high frequencies)
* **SRF (Self-Resonant Frequency):** Typically in the GHz range.
---
### 3. Key Applications
Because of its high precision and stability at high frequencies, this part is used in:
* **RF Power Amplifiers:** For impedance matching.
* **Filters:** Low-pass, high-pass, and band-pass filters in mobile devices.
* **VCOs:** Voltage Controlled Oscillators requiring stable capacitance.
* **Satellite Communications:** Where signal integrity is critical.
---
### 4. Comparison: Thin Film vs. MLCC
| Feature | Thin Film (04023K...) | Standard MLCC |
| :--- | :--- | :--- |
| **Tolerance** | Extremely Tight (±0.05 pF) | Standard (±5% or ±10%) |
| **Stability** | Very High over Temp/Freq | Moderate |
| **SRF** | Higher/Predictable | Lower/Variable |
| **Cost** | Higher | Lower |
- ⤷
What is the significance of the Accu-P technology in RF circuits?
- ⤷ Can this capacitor be used in automotive applications?
- ⤷ What are the recommended soldering profiles for 0402 thin-film components?