04025K4R7ABSTR50
AI

The part number **04025K4R7ABSTR\50** refers to a high-frequency Thin Film Capacitor manufactured by **Kyocera AVX**. These components are specifically engineered for RF (Radio Frequency) and microwave applications where precision and stability are critical.
---
### 1. Component Specifications
Below is the technical breakdown of the part based on its alphanumeric code:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Case Size** | 0402 | Dimensions: 0.04 x 0.02 inches (1.0 x 0.5 mm). |
| **Voltage** | 50V | Maximum DC working voltage. |
| **Series** | Accu-P® | Ultra-low loss, high-precision thin film technology. |
| **Capacitance** | 4.7 pF | 4R7 represents 4.7 picofarads. |
| **Tolerance** | ±0.05 pF | Code 'A' indicates ultra-tight tolerance. |
| **Termination** | Sn (Tin) | Standard "T" suffix for lead-free solderability. |
| **Packaging** | T&R (500) | 7" Reel, typically in quantities of 500 (per the \50 suffix). |
---
### 2. Key Technical Characteristics
#### Thin Film Technology
Unlike standard multilayer ceramic capacitors (MLCCs), this part uses **Thin Film** deposition. This results in:
* **High Q Factor:** Extremely low energy loss at high frequencies.
* **Low ESR/ESL:** Minimal Equivalent Series Resistance and Inductance.
* **High SRF:** High Self-Resonant Frequency, making it ideal for GHz-range applications.
#### Precision Performance
The "A" tolerance rating ($\pm 0.05\text{ pF}$) is exceptionally tight. This is necessary for circuits where even a slight deviation in capacitance would shift the center frequency of a filter or the timing of an oscillator.
---
### 3. Common Applications
Due to its high stability and low noise profile, this part is used in:
* **5G/L-Band Infrastructure:** Base station power amplifiers.
* **Satellite Communications:** Signal processing units.
* **Matching Networks:** Impedance matching for RF antennas.
* **VCOs:** Voltage Controlled Oscillators for frequency synthesis.
---
### 4. Footprint/Land Pattern (0402 Metric 1005)
When designing a PCB for this part, use the following standard dimensions:
```markdown
Dimension Value (mm)
--------------------------
Length (L) 1.00 ± 0.10
Width (W) 0.50 ± 0.10
Thickness (T) 0.40 ± 0.10
Termination (t) 0.20 ± 0.10
```
- ⤷
What is the difference between Accu-P and standard MLCC capacitors?
- ⤷ How does the 'A' tolerance impact circuit performance in RF filters?
- ⤷ Are there recommended substitutes with higher voltage ratings for this footprint?