0412CDMCCDS-R33MC
AI

The part number **0412CDMCCDS-R33MC** refers to a high-current, low-profile power inductor, typically manufactured by **Sumida** (or similar manufacturers following this naming convention). These components are essential in modern electronics for DC-DC conversion and voltage regulation.
---
### 1. Part Number Breakdown
The alphanumeric string defines the physical and electrical characteristics of the component:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0412** | Size Code | Dimensions: Approx. 4.0mm x 4.0mm x 1.2mm |
| **CDMC** | Series Type | Molded Power Inductor (Metal Composite Core) |
| **CDS** | Construction | Shielded construction for low EMI |
| **R33** | Inductance | **0.33 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** |
| **C** | Packaging | Typically refers to Tape & Reel packaging |
---
### 2. Key Technical Specifications
While specific datasheets vary by brand, a standard **0.33µH 0412** molded inductor generally follows these parameters:
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Extremely low (typically between 4mΩ to 8mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High capacity, often ranging from **10A to 15A** before inductance drops.
* **Rated Current ($I_{rms}$):** The continuous current allowed based on temperature rise (approx. **8A to 12A**).
* **Operating Temperature:** -40°C to +125°C (including self-heating).
---
### 3. Core Technology: Metal Composite
This part uses **Metal Powder Molding** technology rather than a traditional ferrite core.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when overloaded, metal composite cores have a "soft" saturation curve.
* **Magnetic Shielding:** The molded structure naturally shields the magnetic field, reducing Electromagnetic Interference (EMI) with nearby components.
* **High Density:** Allows for high current handling in a very small footprint (4.0 x 4.0mm).
---
### 4. Common Applications
Due to its high efficiency and small size, the 0412CDMC series is found in:
1. **Smartphones & Tablets:** CPU/GPU power rails.
2. **Laptops:** Point-of-Load (POL) converters.
3. **SSD Drives:** Power management for high-speed controllers.
4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified).
---
- ⤷
What are the main differences between metal composite inductors and traditional ferrite inductors?
- ⤷ How do I calculate the temperature rise for this inductor in my circuit?
- ⤷ Are there equivalent parts from other manufacturers like Vishay or TDK?