0415CDMCCDS-R33MC
AI

The **0415CDMCCDS-R33MC** is a high-performance, surface-mount (SMD) power inductor. This component is part of the **CDMC** series manufactured by **Sumida**, commonly used for DC-DC converter applications where high efficiency and low core loss are required.
### 1. Component Breakdown
The part number follows a specific nomenclature used by Sumida to define its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0415** | Case Size | Approx. 4.0mm x 4.0mm x 1.5mm |
| **CDMC** | Series Type | Metal composite mold type inductor |
| **CDS** | Construction | Standard magnetic shielding |
| **R33** | Inductance | **0.33 µH** (R denotes decimal) |
| **M** | Tolerance | **±20%** |
| **C** | Packaging | Carrier Tape & Reel |
---
### 2. Technical Specifications
Based on the standard datasheet for this series, here are the primary electrical characteristics:
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Extremely low (typically in the range of 5–10 mΩ), which minimizes power dissipation.
* **Saturation Current ($I_{sat}$):** The current level where inductance drops by 30%. For this size, it is typically between **7A and 11A**.
* **Temperature Rise Current ($I_{rms}$):** The current that causes a 40°C temperature rise, usually around **6A to 9A**.
* **Operating Temperature:** -40°C to +125°C (including self-heating).
---
### 3. Key Features & Materials
The "Metal Composite" construction is the defining feature of this part:
1. **Metal Powder Core:** Unlike traditional ferrite inductors, these use a metal alloy powder pressed around the coil. This allows for **soft saturation** characteristics (the inductance drops gradually rather than abruptly).
2. **Magnetic Shielding:** The molded structure naturally provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
3. **High Current Density:** Due to the composite material, it can handle higher peak currents in a smaller footprint compared to standard wire-wound ferrite inductors.
---
### 4. Common Applications
This inductor is designed for high-frequency switching environments, such as:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops.
* **DC-DC Converters:** Point-of-Load (POL) power supplies.
* **Mobile Devices:** Power management in smartphones and tablets where height (1.5mm) is restricted.
* **Automotive Infotainment:** Compact power filtering for on-board electronics.
---
- ⤷
What are the main advantages of metal composite inductors over ferrite core inductors?
- ⤷ How does the 'soft saturation' characteristic affect circuit stability?
- ⤷ Can this component be used in high-vibration automotive environments?