0603C-R22G
AI

The part number **0603C-R22G** typically refers to a Surface Mount Device (SMD) inductor, commonly manufactured by companies like Coilcraft or generic electronic component suppliers.
### 1. Part Number Breakdown
Understanding each character helps identify the specific technical requirements of the component:
| Segment | Identification | Description |
| :--- | :--- | :--- |
| **0603** | Case Size | Dimensions are 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm). |
| **C** | Construction | Often indicates a "Ceramic" core or a specific series (e.g., Chip Inductor). |
| **R22** | Inductance Value | "R" acts as a decimal point. **0.22 µH** (220 nH). |
| **G** | Tolerance | Typically represents **±2%** tolerance. |
---
### 2. Key Technical Specifications
While exact specs can vary slightly by manufacturer (e.g., Coilcraft 0603CS series), the following are standard parameters for this type of RF inductor:
* **Inductance:** 220 nH (nanohenries).
* **Core Material:** Ceramic. Ceramic cores do not store magnetic energy, making them ideal for high-frequency applications where high "Q" (Quality Factor) and stability are required.
* **Self-Resonant Frequency (SRF):** Usually in the range of 900 MHz to 1.2 GHz.
* **DC Resistance (DCR):** Typically around 0.7 to 1.5 Ohms.
* **Maximum Current (Irms):** Generally rated between 200mA and 400mA.
---
### 3. Common Applications
This specific part is designed for high-frequency signal processing rather than power conversion.
1. **RF Matching Networks:** Used in impedance matching for antennas in Wi-Fi, Bluetooth, or cellular modules.
2. **Filter Circuits:** Employed in Low Pass, High Pass, or Band Pass filters to block or allow specific frequencies.
3. **Oscillators:** Provides stable inductance for frequency generation circuits.
---
### 4. Sample Specifications Table (Generic)
| Parameter | Value |
| :--- | :--- |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temperature** | -40°C to +125°C |
| **Packaging** | Tape & Reel (T&R) |
| **Inductance Tolerance** | ±2% (G) |
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How do I calculate the resonant frequency for this inductor in a circuit?
- ⤷ Can I substitute a 0603C-R22G with a ±5% (J) tolerance part?