0603C-R22M
AI

The part number **0603C-R22M** typically refers to a **Surface Mount Device (SMD) Inductor**. Based on standard electronic component naming conventions, here is the breakdown of its specifications.
---
### Component Breakdown
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm) |
| **C** | Construction | Often indicates Ceramic core or Chip inductor type |
| **R22** | Inductance Value | 0.22 microhenries ($\mu H$) |
| **M** | Tolerance | ±20% |
---
### Key Technical Specifications
#### 1. Physical Dimensions (0603 Package)
The "0603" refers to the EIA footprint. It is a standard size used in high-density PCB designs where space is limited.
* **Length:** 1.6 mm
* **Width:** 0.8 mm
* **Height:** Usually between 0.8 mm to 1.0 mm depending on the manufacturer.
#### 2. Inductance Value ($0.22 \mu H$)
The "R" acts as a decimal point.
* **R22** = $0.22 \mu H$ (or 220 nH).
* This value determines the energy storage and filtering capability of the component.
#### 3. Material and Core
The "C" typically denotes a **Ceramic Core**. Unlike ferrite cores, ceramic cores have:
* High Self-Resonant Frequency (SRF).
* Low inductance values.
* Excellent performance in high-frequency RF applications.
#### 4. Tolerance (±20%)
The letter "M" indicates a standard tolerance of ±20%. This means the actual measured inductance can range from $0.176 \mu H$ to $0.264 \mu H$.
---
### Common Applications
Due to its small size and low inductance, this part is commonly found in:
1. **RF Circuits:** Impedance matching and signal filtering in mobile phones or Wi-Fi modules.
2. **High-Frequency Decoupling:** Removing noise from high-speed digital lines.
3. **Signal Conditioning:** Used in circuits where high Q (quality factor) is required at high frequencies.
---
### Comparison with Similar Parts
| Feature | 0603C-R22M | 0603C-220M |
| :--- | :--- | :--- |
| **Inductance** | 0.22 $\mu H$ | 22 $\mu H$ |
| **Frequency Range** | High Frequency (RF) | Lower Frequency (Power/Filter) |
| **Size** | 1.6 x 0.8 mm | 1.6 x 0.8 mm |
- ⤷What is the typical current rating for a 0603 size inductor?
- ⤷ How does a ceramic core inductor differ from a ferrite core inductor?
- ⤷ Which manufacturers commonly use this specific part numbering system?