Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 0603C-R27

  • AI
    The part number **0603C-R27** typically refers to a high-frequency chip inductor. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Part Number Breakdown The naming convention follows industry standards for surface-mount device (SMD) components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Case Size | Dimensions are 0.06 x 0.03 inches (1.6 x 0.8 mm). | | **C** | Core Material | Often denotes a Ceramic core (ideal for high-frequency). | | **R27** | Inductance Value | "R" acts as a decimal point. R27 = **0.27 µH** (or 270 nH). | --- ## 2. Key Technical Specifications While specific values may vary slightly by manufacturer (such as Coilcraft or Murata), the general parameters for a 0603C-R27 inductor are: ### Electrical Characteristics * **Inductance:** 270 nH (0.27 µH). * **Tolerance:** Commonly ±5% (J) or ±10% (K). * **Quality Factor (Q):** High Q (typically 30-50 at 100MHz), providing low loss in RF circuits. * **Self-Resonant Frequency (SRF):** Usually in the range of 600 MHz to 900 MHz. * **DC Resistance (DCR):** Relatively low, typically between 0.5Ω and 2.0Ω. * **Rated Current:** Usually handles between 150mA and 400mA. --- ## 3. Physical Construction * **Core:** Ceramic. Unlike ferrite cores, ceramic does not saturate, making it stable across different currents. * **Wire:** Usually wire-wound around the ceramic body for superior performance compared to multilayer types. * **Termination:** Tin-plated over nickel barrier (RoHS compliant) for easy soldering. --- ## 4. Typical Applications The 0603C-R27 is designed for high-frequency communication devices. Common use cases include: 1. **RF Impedance Matching:** Used in the matching networks of antennas to ensure maximum power transfer. 2. **Filter Networks:** Employed in Low Pass (LPF) or Band Pass (BPF) filters for signal conditioning. 3. **Local Oscillators:** Frequency tuning in VCOs (Voltage Controlled Oscillators). 4. **Decoupling:** Filtering high-frequency noise in sensitive RF power lines. --- ## 5. Equivalent Replacement Guide If sourcing this part, ensure the following parameters match your original design: ```yaml Comparison_Checklist: - Footprint: 0603 (1608 Metric) - Value: 270nH - Current_Rating: Must be equal or higher than design requirements - SRF: Must be higher than the operating frequency of your circuit ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect circuit performance?
    • ⤷ Can I replace a wire-wound 0603 inductor with a multilayer version?