0603C-R33F
AI

The part number **0603C-R33F** typically refers to a **Surface Mount Device (SMD) Ceramic Inductor**. Below is a detailed breakdown of its specifications, naming convention, and common applications.
---
## 1. Part Number Breakdown
Electronic components follow a specific nomenclature to identify their physical and electrical traits.
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0603** | Case Size | Dimensions are 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm). |
| **C** | Material/Series | Often denotes a Ceramic core (High-Frequency application). |
| **R33** | Inductance Value | "R" acts as a decimal point. R33 = **0.33 µH** (330 nH). |
| **F** | Tolerance | Indicates a precision tolerance of **±1%**. |
---
## 2. Technical Specifications
While exact specs can vary slightly by manufacturer (such as Coilcraft or Murata), a standard 0603C-R33F inductor generally features:
### Electrical Characteristics
* **Inductance:** 330 nH (nanohenries).
* **Tolerance:** ±1% (High precision for tuning circuits).
* **Quality Factor (Q):** Typically high (e.g., >30 at 100MHz) due to the ceramic core.
* **Self-Resonant Frequency (SRF):** Usually in the range of 500 MHz to 1 GHz.
* **Rated Current (Idc):** Generally between 100mA and 400mA.
### Physical Characteristics
* **Core Material:** Ceramic (Non-magnetic). Ceramic cores provide excellent stability and high Q-factors at high frequencies.
* **Termination:** Typically silver-palladium-platinum or tin-plated over nickel.
---
## 3. Common Applications
Due to its ceramic core and high precision (±1%), this part is used primarily in RF (Radio Frequency) and high-speed signal processing.
1. **Impedance Matching:** Used in the matching networks of antennas to ensure maximum power transfer.
2. **Filter Circuits:** Used in Low-Pass, High-Pass, or Band-Pass filters for cellular, Wi-Fi, and Bluetooth modules.
3. **Oscillators:** Provides stable inductance for frequency generation in VCOs (Voltage Controlled Oscillators).
4. **Signal Isolation:** Used to prevent high-frequency noise from interfering with sensitive analog sections of a PCB.
---
## 4. Soldering & Handling
```markdown
- Footprint: 0603 (Imperial) / 1608 (Metric).
- Solder Method: Reflow or Wave soldering.
- Moisture Sensitivity Level (MSL): Typically 1 (Unlimited floor life).
```
- ⤷
What are the differences between a ceramic core and a ferrite core inductor?
- ⤷ How do I calculate the resonant frequency for this inductor in a circuit?
- ⤷ Which manufacturers are the primary suppliers for the 0603C series?