0603CS-R10XGRW
AI

The part number **0603CS-R10XGRW** refers to a high-frequency, wire-wound surface mount (SMD) inductor typically manufactured by **Coilcraft**. This specific series is known for its high Q-factors and excellent current-handling capabilities in a small footprint.
---
### 1. Part Number Breakdown
The nomenclature provides specific details about the component's physical and electrical properties:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **0603** | Size Code | Industry standard 0603 package (approx. 1.6 x 0.8 mm). |
| **CS** | Series | Ceramic core, wire-wound inductor series. |
| **R10** | Inductance | **100 nH** (R = decimal point; 10 = 0.10 $\mu$H). |
| **X** | Tolerance | **±5%** tolerance code. |
| **G** | Termination | Gold over nickel over moly-manganese (RoHS compliant). |
| **R** | Packaging | 7-inch reel (plastic carrier tape). |
| **W** | Testing | Standard commercial testing. |
---
### 2. Technical Specifications
The "CS" series uses a ceramic body which provides exceptional stability and low losses at high frequencies.
* **Inductance:** 100 nH
* **Tolerance:** ±5%
* **Quality Factor (Q min):** ~60 at 350 MHz
* **Self-Resonant Frequency (SRF):** Typical 1200 MHz (1.2 GHz)
* **DC Resistance (DCR max):** ~0.46 Ohms
* **Maximum Current (Irms):** ~400 mA
* **Operating Temperature:** -40°C to +125°C
---
### 3. Key Features and Construction
* **Wire-wound Design:** Unlike multilayer inductors, the wire-wound construction allows for much lower DC resistance and significantly higher Q-factors.
* **Ceramic Core:** Provides high thermal stability and a high self-resonant frequency, making it ideal for RF applications.
* **Small Footprint:** The 0603 size (1608 Metric) is a balance between ease of manufacturing (pick-and-place) and space-saving for mobile devices.
---
### 4. Common Applications
This inductor is designed for high-frequency RF circuits where signal integrity and minimal power loss are critical:
1. **Impedance Matching:** Used in the front-end of RF transceivers.
2. **Filter Networks:** Low-pass, high-pass, and band-pass filters for wireless communication.
3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance.
4. **Bluetooth/WLAN:** Signal conditioning in 2.4GHz and sub-GHz modules.
---
- ⤷
How does the Q-factor of this wire-wound inductor compare to a multilayer inductor?
- ⤷ What are the soldering recommendations for the Gold (G) termination type?
- ⤷ What happens to the inductance if the operating frequency exceeds the Self-Resonant Frequency (SRF)?