AI

The part number **0603CS-R11XGRY** refers to a high-frequency, wirewound ceramic chip inductor manufactured by **Coilcraft**. This specific component is part of the 0603CS series, widely used in RF (Radio Frequency) applications.
---
### 1. Part Number Breakdown
To understand the technical specifications, we can decode the part number:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Size** | 0603 | Imperial size (0.06 x 0.03 inches / 1.6 x 0.8 mm) |
| **Series** | CS | Ceramic core, Square body, wirewound |
| **Inductance** | R11 | 110 nH (R denotes the decimal point in µH; R11 = 0.11 µH) |
| **Tolerance** | G | ±2% Tolerance |
| **Termination** | R | RoHS compliant matte tin over nickel over silver-platinum-glass frit |
| **Packaging** | Y | 7″ machine-ready plastic reel (typically 2000 parts per reel) |
---
### 2. Key Technical Specifications
Below are the typical electrical characteristics for this specific 110 nH inductor:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 110 nH @ 150 MHz |
| **Tolerance** | ±2% |
| **Quality Factor (Q) Min** | 48 @ 150 MHz |
| **SRF (Self-Resonant Frequency) typ** | 1650 MHz |
| **DCR (Direct Current Resistance) max** | 0.520 Ohms |
| **Irms (Maximum DC Current)** | 400 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Physical Construction and Features
* **Ceramic Core:** Unlike ferrite cores, ceramic cores do not saturate and provide exceptional thermal stability and a high Self-Resonant Frequency (SRF).
* **Wirewound Design:** The copper wire is wound around the ceramic body, which results in much higher **Q factors** and lower **DCR** compared to multilayer or thick-film inductors.
* **Encapsulation:** These parts often feature a clear epoxy "top hat" or coating to allow for vacuum pick-and-place assembly.
---
### 4. Typical Applications
This component is designed for high-frequency circuits where precision and low loss are critical. Typical use cases include:
* **Impedance Matching:** Used in the front-end of RF transceivers to match antenna impedance.
* **Filtering:** Low-pass, high-pass, or band-pass filters in wireless communication devices.
* **Oscillators:** Frequency-determining elements in VCOs (Voltage Controlled Oscillators).
* **Mobile Tech:** Smartphones, Wi-Fi modules, and Bluetooth devices.
---
- ⤷
What is the difference between the 0603CS and 0603CT series from Coilcraft?
- ⤷ How does the Q factor affect the performance of an RF filter?
- ⤷ Can this inductor be used in high-power power supply applications?